Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHV2812S Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MHV2812S
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2812S Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MHV2812S Datasheet HTML 2Page - Interpoint Corporation Company MHV2812S Datasheet HTML 3Page - Interpoint Corporation Company MHV2812S Datasheet HTML 4Page - Interpoint Corporation Company MHV2812S Datasheet HTML 5Page - Interpoint Corporation Company MHV2812S Datasheet HTML 6Page - Interpoint Corporation Company MHV2812S Datasheet HTML 7Page - Interpoint Corporation Company MHV2812S Datasheet HTML 8Page - Interpoint Corporation Company MHV2812S Datasheet HTML 9Page - Interpoint Corporation Company MHV2812S Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Model nuMbering key
MHV 28 512 T F / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case Option
(Non-flanged case has no designator in
this position)
(S = single, D = dual, T = triple)
(Main and aux. Vout for triple models)
(R = decimal point, 3R3 = 3.3 Vout)
(Standard screening has no designator
in this position.)
sMd nuMbers
Standard Microcircuit
drawing (SMd)
MHV SiMilar Part
5962-9852801HXC
MHV283R3S/883
5962-9852201HXC
MHV2805S/883
5962-9852301HXC
MHV2812S/883
5962-9852401HXC
MHV2815S/883
5962-9852501HXC
MHV2805D/883
5962-9852601HXC
MHV2812D/883
5962-9852701HXC
MHV2815D/883
5962-9673001HXC
MHV28512T/883
5962-9673101HXC
MHV28515T/883
Flanged SMD numbers for the MHV Series of converters
have the suffix HZC instead of HXC. For exact specifica-
tions for an SMD product, refer to the SMD drawing avail-
able at www.dscc.dla.mil/programs/smcr.
Model selection
on tHe lineS below, enter one Selection froM eacH category to deterMine tHe Model nuMber.
category
MHV28
/
Base Model and
Input Voltage
Output Voltage 1
Number of
Outputs 2
Case Option 3
Screening 4
selection MHV28 is the only
available selection
3r3, 05, 12, 15
s
(NON-FLANGED
(STANDARD leave blank)
05, 12, 15
d
leave blank)
es
512, 515
t
f (flanged)
883 (class H)
Notes:
1. Output Voltage: An R indicates a decimal point. 3R3 is 3.3 volts out. The value of 3R3 is only available in single output models. The 512 and 515 triple output converters
are +5 volt main and ±12 or ±15 volt auxiliaries.
2. Number of Outputs: S is a single output, D is a dual output, and T is a triple output
3. Case Options: For the standard case (cases F1 and H2) leave the case option blank. For the flanged case option (cases J1 and K3), insert the letter F in the Case Option
position.
4. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For more information see Screening
Tables 1 and 2.
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input – 15 Watt
www.interpoint.com
Page 6 of 19
MHV Rev E - 20100503


Similar Part No. - MHV2812S

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MHV2812S CRANE-MHV2812S Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
MHV2812S/883 CRANE-MHV2812S/883 Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MHV2812S/883 INTERPOINT-MHV2812S/883 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MHV2812S/ES CRANE-MHV2812S/ES Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
MHV2812SF CRANE-MHV2812SF Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
More results

Similar Description - MHV2812S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
   Wide Operating Input Voltage Range : 4.5V to 24V
logo
Interpoint Corporation ...
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
logo
Bel Fuse Inc.
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
   Wide input voltage range: -40 to -72 VDC
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com