Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHF2815S Datasheet(PDF) 11 Page - Interpoint Corporation Company

Part # MHF2815S
Description  Only 0.33 inches (8.38 mm) high in a hermetically sealed case
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2815S Datasheet(HTML) 11 Page - Interpoint Corporation Company

Back Button MHF2815S Datasheet HTML 7Page - Interpoint Corporation Company MHF2815S Datasheet HTML 8Page - Interpoint Corporation Company MHF2815S Datasheet HTML 9Page - Interpoint Corporation Company MHF2815S Datasheet HTML 10Page - Interpoint Corporation Company MHF2815S Datasheet HTML 11Page - Interpoint Corporation Company MHF2815S Datasheet HTML 12Page - Interpoint Corporation Company MHF2815S Datasheet HTML 13Page - Interpoint Corporation Company MHF2815S Datasheet HTML 14Page - Interpoint Corporation Company MHF2815S Datasheet HTML 15Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
electrical Characteristics: -55° to +125°C tC, 28 vdC vin, 100% load, free run, unless otherwise specified.
dual outPut ModelS
MHF+2805D
MHF+2812D
MHF+2815D
unitS
paraMeter
COnDitiOnS
Min
typ
MaX
Min
typ
MaX
Min
typ
MaX
Output VOltage
+VOut
4.85
5.00
5.15
11.76
12.00
12.24
14.70 15.00 15.30
vdC
-VOut
4.82
5.00
5.18
11.70
12.00
12.30
14.63 15.00 15.38
Output Current 2, 3
eaCH Output
0
±1.2
1.92 1
0
±0.625 1.125 1
0
±0.50 0.90 1
a
Vin = 16 tO 40 VDC
tOtal
2.4
1.25
1.0
Output pOwer 2, 3
eaCH Output
0
±6
9.6 1
0
±7.5
13.5 1
0
±7.5
13.5 1
W
Vin = 16 tO 40 VDC
tOtal
12
15
15
Output ripple
tC = 25°C
30
80
30
80
30
60
mv p-p
±VOut, 10kHz - 2 MHz
60
80
60
120
50
120
line regulatiOn
Vin = 16 tO 40 VDC
+VOut
5
50
5
50
5
50
mv
-VOut
80
100
100
lOaD regulatiOn
BalanCeD lOaDS
nO lOaD tO Full
+VOut
20
50
20
50
20
50
mv
-VOut
100
100
100
CrOSS regulatiOn 4
25°C
eFFeCt On -VOut
6
7.5
3
6
3
5
%
input VOltage
COntinuOuS
16
28
40
16
28
40
16
28
40
vdC
tranSient 50 ms 1
50
50
50
v
input Current
nO lOaD
20
40
25
50
25
50
ma
inHiBiteD
6
12
5
12
5
12
input ripple Current
tC = 25°C
20
50
35
60
35
60
ma p-p
10 kHz - 10 MHz
40
80
50
100
50
100
eFFiCienCy
75
79
74
83
75
84
%
lOaD Fault 5, 6
pOwer DiSSipatiOn
SHOrt CirCuit
3
6
3
6
3
6
W
reCOVery 1
7.5
30
7.5
30
7.5
30
ms
Step lOaD
reSpOnSe 7, 8
50% - 100% - 50%
BalanCeD lOaDS
tranSient +VOut
±200
±600
±300
±700
±300
±700
mv pk
tranSient -VOut
±150
±600
±100
±700
±100
±700
reCOVery
150
500
200
500
200
500
µs
Step line
reSpOnSe 1, 8
±VOut
16 - 40 - 16 Vin
tranSient
±600
±800
±550
±750
±550
±750
mv pk
reCOVery
0.8
1.2
0.8
1.2
0.8
1.2
ms
Start-up 8
Vin = 40 V
Delay
12
20
12
25
12
25
ms
OVerSHOOt 1
80
250
200
750
200
750
mv pk
CaPaCitive load 1
47
10
10
µF
notes (see following page)
www.interpoint.com
Page 11 of 23
Crane aerospace & electronics Power solutions
MHF+ Single, dual and triple dC/dC Converters
28 VOlT inPuT – 15 WATT
MHF+ rev l - 20091113


Similar Part No. - MHF2815S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHF2815S ETC1-MHF2815S Datasheet
149Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MHF2815S CRANE-MHF2815S Datasheet
88Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Interpoint Corporation ...
MHF2815S/883 INTERPOINT-MHF2815S/883 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MHF2815S/ES CRANE-MHF2815S/ES Datasheet
88Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Interpoint Corporation ...
MHF2815SF/883 INTERPOINT-MHF2815SF/883 Datasheet
314Kb / 21P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MHF2815S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
logo
Seme LAB
2N4928CSM SEME-LAB-2N4928CSM Datasheet
20Kb / 2P
   GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com