Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHP270 Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # MHP270
Description  Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP270 Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button MHP270 Datasheet HTML 2Page - Interpoint Corporation Company MHP270 Datasheet HTML 3Page - Interpoint Corporation Company MHP270 Datasheet HTML 4Page - Interpoint Corporation Company MHP270 Datasheet HTML 5Page - Interpoint Corporation Company MHP270 Datasheet HTML 6Page - Interpoint Corporation Company MHP270 Datasheet HTML 7Page - Interpoint Corporation Company MHP270 Datasheet HTML 8Page - Interpoint Corporation Company MHP270 Datasheet HTML 9Page - Interpoint Corporation Company MHP270 Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Angled corner
indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
1.505 (38.23) max.
0.128 dia
(3.25).
0.040 dia
(1.02)
0.23 (5.8) Pin Length
TOP VIEW CASE U*
Flanged case, short-leaded
Seam Seal
*Does not require designator in Case Option position of model number.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold, compression glass seal
Seal Hole: 0.100 ±0.002 (2.54 ±0.05)
Case U, Rev F, 20100503
Figure 4: Case u
www.interpoint.com
Page 9 of 10
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converter cases
270 Volt input – 65 Watt
MHP270 Rev G - 20100517


Similar Part No. - MHP270

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MHP27005D CRANE-MHP27005D Datasheet
397Kb / 10P
   MHP27005S
logo
Interpoint Corporation ...
MHP27005D INTERPOINT-MHP27005D Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
MHP27005D/ES INTERPOINT-MHP27005D/ES Datasheet
1Mb / 7P
   DC/DC CONVERTERS 270 VOLT INPUT
logo
Crane Aerospace & Elect...
MHP27005D/ES CRANE-MHP27005D/ES Datasheet
397Kb / 10P
   MHP27005S
MHP27005DF CRANE-MHP27005DF Datasheet
397Kb / 10P
   MHP27005S
More results

Similar Description - MHP270

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MOR283R3S INTERPOINT-MOR283R3S_10 Datasheet
2Mb / 24P
   Parallel operation with current share, up to 5 units (540 watts)
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
logo
Coolgear Inc.
U2CHGRHUB20 COOLGEAR-U2CHGRHUB20 Datasheet
683Kb / 2P
   Charge and Sync, provides up to 2.4Amps per port
Rev 01.200714
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Shenzhen Huazhimei Semi...
HM5177 HMSEMI-HM5177 Datasheet
1Mb / 6P
   Sync. Rectifier Step Up Converter
logo
Global Mixed-mode Techn...
G5177C GMT-G5177C Datasheet
912Kb / 9P
   Sync. Rectifier Step Up Converter
G5177B GMT-G5177B Datasheet
126Kb / 1P
   Sync. Rectifier Step Up Converter
logo
Texas Instruments
SN74V245-EP TI1-SN74V245-EP Datasheet
401Kb / 42P
[Old version datasheet]   DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com