Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHP270 Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # MHP270
Description  Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP270 Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button MHP270_10 Datasheet HTML 2Page - Interpoint Corporation Company MHP270_10 Datasheet HTML 3Page - Interpoint Corporation Company MHP270_10 Datasheet HTML 4Page - Interpoint Corporation Company MHP270_10 Datasheet HTML 5Page - Interpoint Corporation Company MHP270_10 Datasheet HTML 6Page - Interpoint Corporation Company MHP270_10 Datasheet HTML 7Page - Interpoint Corporation Company MHP270_10 Datasheet HTML 8Page - Interpoint Corporation Company MHP270_10 Datasheet HTML 9Page - Interpoint Corporation Company MHP270_10 Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Notes
1. guaranteed by design, not tested.
2. Share operation not characterized for dual outputs.
3. Up to 80% of the total output power is available from either output provided that
the opposite output is simultaneously carrying 20% of the total output power.
4. Load and line transition time > 10 µs
5. Assumes balanced loads on the outputs.
6. Effect on the negative output from 50%/50% loads to 70%/30% or 30%/70%
loads.
7. Unit will shut down above approximately 425V but will be undamaged
and will restart when voltage drops into normal range.
8. Second output at 50%
9. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
Electrical Characteristics: 25°C Tc, 270 VDC Vin, 100% load, free run, unless otherwise specified.
DUAL OUTPUT MODELS 2
MHP27005D
MHP27012D
MHP28015D
units
parameter
COnDitiOns
min
typ
maX
min
typ
maX
min
typ
maX
Output VOltage
+VOut
4.95
5.00
5.05 11.88 12.00 12.12 14.85 15.00 15.15
VDC
-VOut
4.92
5.00
5.08 11.82 12.00 12.18 14.77 15.00 15.23
Output Current 3
eaCh Output
±5
8.0 1
±2.5
4.0 1
±2.16 3.46 1
a
Vin = 160 tO 400 VDC
tOtal
10
5
4.33
Output pOwer 3
eaCh Output
40 1
48 1
52 1
w
Vin = 160 tO 400 VDC
tOtal
50
60
65
Output ripple
±VOut
10 khz - 2 mhz
50
100
50
125
50
125
mV p-p
line regulatiOn 4
±VOut
Vin = 160 tO 400 VDC
100
120
150
mV
lOaD regulatiOn 4, 5
±VOut
nO lOaD tO Full
100
120
150
mV
CrOss regulatiOn 6
eFFeCt On –VOut
1000
800
750
mV
input VOltage
COntinuOus
160
270
400
160
270
400
160
270
400
VDC
TRANSIENT 50 msec.1, 7
0
450
0
450
0
450
V
input Current
nO lOaD
20
20
20
mA
inhibiteD–inh1
10
10
8
inhibiteD–inh2
15
15
15
input ripple
Current
10 khz - 10 mhz
60
60
60
mA p-p
eFFiCienCy
balanCeD lOaD
74
81
_
82
_
%
lOaD Fault
pOwer DissipatiOn
shOrt CirCuit
30
35
45
w
step lOaD
respOnse
±VOut
50% - 100% - 50% 8
transient
300
900
900
mV pk
reCOVery 9
300
500
500
µs
CapaCitiVe lOaD 1
nO eFFeCt On DC
perFOrmanCe
500
500
µF
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
270 Volt input – 65 Watt
www.interpoint.com
Page 8 of 10
MHP270 Rev G - 20100517


Similar Part No. - MHP270_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
More results

Similar Description - MHP270_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MOR283R3S INTERPOINT-MOR283R3S_10 Datasheet
2Mb / 24P
   Parallel operation with current share, up to 5 units (540 watts)
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
logo
Coolgear Inc.
U2CHGRHUB20 COOLGEAR-U2CHGRHUB20 Datasheet
683Kb / 2P
   Charge and Sync, provides up to 2.4Amps per port
Rev 01.200714
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Shenzhen Huazhimei Semi...
HM5177 HMSEMI-HM5177 Datasheet
1Mb / 6P
   Sync. Rectifier Step Up Converter
logo
Global Mixed-mode Techn...
G5177C GMT-G5177C Datasheet
912Kb / 9P
   Sync. Rectifier Step Up Converter
G5177B GMT-G5177B Datasheet
126Kb / 1P
   Sync. Rectifier Step Up Converter
logo
Texas Instruments
SN74V245-EP TI1-SN74V245-EP Datasheet
401Kb / 42P
[Old version datasheet]   DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com