Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0621301HXC Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # 5962-0621301HXC
Description  Parallel operation with current share, 16 to 40 VDC input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

5962-0621301HXC Datasheet(HTML) 4 Page - Interpoint Corporation Company

  5962-0621301HXC Datasheet HTML 1Page - Interpoint Corporation Company 5962-0621301HXC Datasheet HTML 2Page - Interpoint Corporation Company 5962-0621301HXC Datasheet HTML 3Page - Interpoint Corporation Company 5962-0621301HXC Datasheet HTML 4Page - Interpoint Corporation Company 5962-0621301HXC Datasheet HTML 5Page - Interpoint Corporation Company 5962-0621301HXC Datasheet HTML 6Page - Interpoint Corporation Company 5962-0621301HXC Datasheet HTML 7Page - Interpoint Corporation Company 5962-0621301HXC Datasheet HTML 8Page - Interpoint Corporation Company 5962-0621301HXC Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Angled corner indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
TOP VIEW
MFL
(Pin side, marked side)
Figure 3: Pin Out
See case U for dimensions.
pin out
pin out
pin
single output
dual output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Triple (TR1)
Triple (TR1)
4
Inhibit 1 (INH1)
Inhibit 1 (INH1)
5
Sync Out
Sync Out
6
Sync In
Sync In
7
Positive Output
Positive Output
8
Output Common Output Common
9
Sense Return
Negative Output
10
Positive Sense
No connection
11
Slave
Slave
12
Master/Inhibit 2
Master/Inhibit 2
pins not in use
pin description
action
3
TR1
Leave unconnected
4
Inhibit 1 (INH1)
Leave unconnected
5
Sync Out
Leave unconnected
6
Sync In
Connect to Input
Common
9
Sense Return
Connect to appropriate
outputs
10
Positive Sense
Connect to appropriate
outputs
11
Slave
Leave unconnected
12
Master/Inhibit 2
Leave unconnected
Crane Aerospace & Electronics Power Solutions
MFL single and dual dc/dc converters
28 VoLt input – 65 Watt
www.craneae.com/interpoint
Page 4 of 13
MFL Rev E - 20101026


Similar Part No. - 5962-0621301HXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0620601VZA TI1-5962-0620601VZA Datasheet
193Kb / 13P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620702Q3A INTERSIL-5962-0620702Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620703Q2A INTERSIL-5962-0620703Q2A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620704Q2A INTERSIL-5962-0620704Q2A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - 5962-0621301HXC

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MOR283R3S INTERPOINT-MOR283R3S_10 Datasheet
2Mb / 24P
   Parallel operation with current share, up to 5 units (540 watts)
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
MHP270 INTERPOINT-MHP270_10 Datasheet
493Kb / 10P
   Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
   0 to 40 VDC Input
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
   Parallel operation with active current sharing
logo
Interpoint Corporation ...
MTW2805S INTERPOINT-MTW2805S_10 Datasheet
445Kb / 6P
   ??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
Bel Fuse Inc.
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
   Wide input voltage range: -40 to -72 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com