Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM-461 Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # FM-461
Description  Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM-461 Datasheet(HTML) 8 Page - Interpoint Corporation Company

  FM-461_10 Datasheet HTML 1Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 2Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 3Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 4Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 5Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 6Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 7Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 8Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
0.155 (3.94)
0.955 (24.26)
0.040 dia
(1.02)
0.000
0.555 (14.1)
1.115 (28.32)
1
2
4
5
*Flanged case: Designator “F” required in Case Option position of model number.
BOTTOM VIEW CASE K6
0.162 dia
(4.11)
Solder Seal
Solder Tip-off
Squared corner and dot on top
of case indicate pin one.
3
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin.
Case K6, Rev E - 20100211
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2010 Interpoint Corp. All rights reserved.
Flange Thickness: 0.067 +0.005/-0.007 (1.70 +0.13/-0.8)
2.910 max
(73.91)
FIgure 11: CaSe K6 - FMa/FMB-461 FLaNgeD
FM-461, FMA-461
AND FMB-461
1.75 To 5 AMP
eMI INpuT FILTerS
Page 8 of 9
FM/A/B Rev C 20100212
www.interpoint.com


Similar Part No. - FM-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FM-461F/ES INTERPOINT-FM-461F/ES Datasheet
197Kb / 11P
   EMI INPUT FILTERS 28 VOLT INPUT
More results

Similar Description - FM-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
   Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
   Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
logo
MICORO CRYSTAL SWITZERL...
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
   From 10 kHz up to 155 MHz
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
   From 10 kHz up to 225 MHz
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
   From 10 kHz up to 225 MHz
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
   Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
   Attenuation: 1.0 dB steps to 15 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com