Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3019RB Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3019RB
Description  Bipolar NPN Device in a Hermetically sealed TO39
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3019RB Datasheet(HTML) 1 Page - Seme LAB

  2N3019RB Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3019RB
Bipolar NPN Device.
V
CEO =
80V
I
C = 1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
1
A
h
FE
@ 5/1m (V
CE / IC)
80
-
f
t
100M
Hz
P
D
0.8
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar NPN Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - 2N3019RB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3019 PHILIPS-2N3019 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Jun 19
logo
Semicoa Semiconductor
2N3019 SEMICOA-2N3019 Datasheet
204Kb / 2P
   Silicon NPN Transistor
logo
STMicroelectronics
2N3019 STMICROELECTRONICS-2N3019 Datasheet
67Kb / 4P
   HIGH CURRENT, HIGH FREQUENCY AMPLIFIERS
November 1997
2N3019 STMICROELECTRONICS-2N3019 Datasheet
49Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
logo
Seme LAB
2N3019 SEME-LAB-2N3019 Datasheet
17Kb / 2P
   NPN SILICON TRANSISTOR
More results

Similar Description - 2N3019RB

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2219A SEME-LAB-2N2219A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3300 SEME-LAB-2N3300 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N2960 SEME-LAB-2N2960 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3036 SEME-LAB-2N3036 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3053A SEME-LAB-2N3053A Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3108 SEME-LAB-2N3108 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3110 SEME-LAB-2N3110 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
BFT32A SEME-LAB-BFT32A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
BFY56 SEME-LAB-BFY56 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
BSX46 SEME-LAB-BSX46 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
BSX62 SEME-LAB-BSX62 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com