Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARGB1311GSE Datasheet(PDF) 7 Page - STANLEY ELECTRIC CO.,LTD.

Part # ARGB1311GSE
Description  PLCC-6 Type Tri-color Lead?밼ree soldering compatible
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

ARGB1311GSE Datasheet(HTML) 7 Page - STANLEY ELECTRIC CO.,LTD.

Back Button ARGB1311GSE Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. ARGB1311GSE Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. ARGB1311GSE Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. ARGB1311GSE Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. ARGB1311GSE Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. ARGB1311GSE Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. ARGB1311GSE Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. ARGB1311GSE Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. ARGB1311GSE Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Page : 7
PLCC-6 Type Tri-color
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
Ambient Temperature vs. Relative Intensity
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)
Duty Cycle vs. Maximum Forward Current
Duty (%)
Technical Data(Blue)
2010.11.15
1
10
100
110
100
0.1
1.0
10.0
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
Duty=10%
Duty=20%
Duty= 5%
Duty=50%
DC
0
20
40
60
80
100
120
140
-40
-20
0
20
40
60
80
100
ARGB1311GSE


Similar Part No. - ARGB1311GSE

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
ARGB1313HS-TR STANLEY-ARGB1313HS-TR Datasheet
683Kb / 32P
   RGB tri-color emitting LED
More results

Similar Description - ARGB1311GSE

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FHY3C64X-H STANLEY-FHY3C64X-H Datasheet
626Kb / 21P
   Lead?밼ree soldering compatible
THG3801C STANLEY-THG3801C Datasheet
484Kb / 19P
   Lead?밼ree soldering compatible
TAN1111C-TR STANLEY-TAN1111C-TR Datasheet
517Kb / 22P
   Lead?밼ree soldering compatible
THW3809X STANLEY-THW3809X Datasheet
644Kb / 20P
   Lead?밼ree soldering compatible
VTAN1116P-TR STANLEY-VTAN1116P-TR Datasheet
680Kb / 22P
   Lead?밼ree soldering compatible
PS1105WA-23-TR STANLEY-PS1105WA-23-TR Datasheet
593Kb / 21P
   Lead?밼ree soldering compatible
TAN1105W-TR STANLEY-TAN1105W-TR Datasheet
540Kb / 22P
   Lead?밼ree soldering compatible
MGN1105MS-TR STANLEY-MGN1105MS-TR Datasheet
729Kb / 25P
   Lead?밼ree soldering compatible
VFHR1112H-3BY2A-TR STANLEY-VFHR1112H-3BY2A-TR Datasheet
782Kb / 21P
   Lead?밼ree soldering compatible
VFR1105W-6C9-TR STANLEY-VFR1105W-6C9-TR Datasheet
722Kb / 20P
   Lead?밼ree soldering compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com