Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z512AV-85PM6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48Z512AV-85PM6
Description  4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512AV-85PM6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48Z512AV-85PM6 Datasheet HTML 2Page - STMicroelectronics M48Z512AV-85PM6 Datasheet HTML 3Page - STMicroelectronics M48Z512AV-85PM6 Datasheet HTML 4Page - STMicroelectronics M48Z512AV-85PM6 Datasheet HTML 5Page - STMicroelectronics M48Z512AV-85PM6 Datasheet HTML 6Page - STMicroelectronics M48Z512AV-85PM6 Datasheet HTML 7Page - STMicroelectronics M48Z512AV-85PM6 Datasheet HTML 8Page - STMicroelectronics M48Z512AV-85PM6 Datasheet HTML 9Page - STMicroelectronics M48Z512AV-85PM6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Device overview
M48Z512A, M48Z512AY, M48Z512AV
6/21
Doc ID 5146 Rev 8
Figure 2.
DIP connections
Figure 3.
Block diagram
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A15
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A16
A18
VCC
AI02044
M48Z512A
M48Z512AY
M48Z512AV
10
1
2
5
6
7
8
9
11
12
13
14
15
16
30
29
26
25
24
23
22
21
20
19
18
17
A12
A14
W
A17
3
4
28
27
32
31
AI02045
INTERNAL
BATTERY
E
VCC
VSS
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
512K x 8
SRAM ARRAY
A0-A18
DQ0-DQ7
W
G
POWER
E


Similar Part No. - M48Z512AV-85PM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512AV-85PM6 STMICROELECTRONICS-M48Z512AV-85PM6 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
More results

Similar Description - M48Z512AV-85PM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_10 Datasheet
435Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_11 Datasheet
343Kb / 22P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com