Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4440 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA4440
Description  6W 2-Channel, Bridge 19W typ Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4440 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA4440 Datasheet HTML 1Page - Sanyo Semicon Device LA4440 Datasheet HTML 2Page - Sanyo Semicon Device LA4440 Datasheet HTML 3Page - Sanyo Semicon Device LA4440 Datasheet HTML 4Page - Sanyo Semicon Device LA4440 Datasheet HTML 5Page - Sanyo Semicon Device LA4440 Datasheet HTML 6Page - Sanyo Semicon Device LA4440 Datasheet HTML 7Page - Sanyo Semicon Device LA4440 Datasheet HTML 8Page - Sanyo Semicon Device LA4440 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LA4440
No.750–3/13
Sample Application Circuit 1. Stereo use
Sample Application Circuit 2. Bridge amplifier 1


Similar Part No. - LA4440

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4440 ONSEMI-LA4440 Datasheet
538Kb / 13P
   Power Amplifier
July, 2013
LA4440J-K-E ONSEMI-LA4440J-K-E Datasheet
538Kb / 13P
   Power Amplifier
July, 2013
More results

Similar Description - LA4440

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4250 SANYO-LA4250 Datasheet
303Kb / 7P
   6W - 8W TYP AMP
logo
NTE Electronics
NTE1377 NTE-NTE1377 Datasheet
23Kb / 2P
   Integrated Circuit AF Power Amplifier, 6W/Channel
logo
Toshiba Semiconductor
TA7241AP TOSHIBA-TA7241AP Datasheet
733Kb / 13P
   5.8M DUAL AUDIO POWER AMPLIFIER 19W BTL AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
CTC810 YOUDA-CTC810 Datasheet
119Kb / 4P
   6W AUDIO POWER AMPLIFIER
YD1519B YOUDA-YD1519B Datasheet
96Kb / 6P
   6W STEREO POWER AMPLIFIER
logo
NTE Electronics
NTE1602 NTE-NTE1602 Datasheet
78Kb / 2P
   Integrated Circuit Power Amplifier for Car Radio, 19W
logo
National Semiconductor ...
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
   6W Streo Audio Power Amplifier
logo
Texas Instruments
LM4940 TI1-LM4940_14 Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
logo
Sanyo Semicon Device
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
   AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com