Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCA3703 Datasheet(PDF) 2 Page - Seme LAB

Part # MCA3703
Description  QUAD N?밅HANNEL ENHANCEMENT MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MCA3703 Datasheet(HTML) 2 Page - Seme LAB

  MCA3703 Datasheet HTML 1Page - Seme LAB MCA3703 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
nA
µA
S ( )
pF
nC
ns
A
V
ns
µC
MCA3703
Document Number 5519
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
100
2.0
4.0
100
-100
25
250
0.70
0.80
0.86
180
82
15
15
7.5
7.5
20
25
40
40
1.0
4.0
1.5
200
0.83
VGS = 0
ID = 1mA
VDS = VGS
ID = 250µA
VGS = 20V
VGS = -20V
VDS = 80V.
VGS =0
TC = 125°C
VGS = 10V
ID = 0.6A
VGS = 10V
ID = 1.0A
VDS = 15V
IDS = 0.6A
VGS = 0
VDS = 25V
f = 1MHz
VGS = 10V
VDS = 50V
IDS = 1.0A
VDD = 50V
ID = 1.0A
RG = 24Ω
(MOSFET switching times are essentially
independent of operating temperature.)
Modified MOS POWER
symbol showing the intergal
P-N junction rectifier.
IS = 1.0A
VGS = 0
IF =1.0A
TJ = 25°C
di / dt = 100A/µsVDD = 50V
ELECTRICAL CHARACTERISTICS FOR EACH CHIP(Tcase = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Gate Threshold Voltage
Gate – Source Leakage Forward
Gate – Source Leakage Reverse
Zero Gate Voltage Drain Current
Static Drain Source On-State
Resistance*
Forward Transductance *
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Gate – Source Charge
Gate – Drain Charge
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current Body
Diode
Source Current* (Body Diode)
Diode Forward Voltage *
Reverse Recovery Time
Reverse Recovery Charge
BVDSS
VGS(th)
IGSSF
IGSSR
IDSS
RDS(on)
gfs
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
QRR
BODY– DRAIN DIODE RATINGS & CHARACTERISTICS
,
5
/
Notes
* Pulse Test: Pulse Width
≤ 300µs, δ≤ 2%


Similar Part No. - MCA3703

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
MCA3000 TEKTRONIX-MCA3000 Datasheet
319Kb / 12P
   Microwave/Counter/Analyzer with Integrated Power
MCA3027 TEKTRONIX-MCA3027 Datasheet
319Kb / 12P
   Microwave/Counter/Analyzer with Integrated Power
MCA3040 TEKTRONIX-MCA3040 Datasheet
319Kb / 12P
   Microwave/Counter/Analyzer with Integrated Power
logo
Motorola, Inc
MCA3200ETL MOTOROLA-MCA3200ETL Datasheet
2Mb / 27P
   MCA3 ETL SERIES MACROCELL ARRAYS
More results

Similar Description - MCA3703

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6802 SEME-LAB-2N6802 Datasheet
23Kb / 2P
   N?밅HANNEL ENHANCEMENT
SML50A21 SEME-LAB-SML50A21_07 Datasheet
46Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML50A23 SEME-LAB-SML50A23 Datasheet
25Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
2N6800LCC4 SEME-LAB-2N6800LCC4 Datasheet
102Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE
IRFQ110 SEME-LAB-IRFQ110 Datasheet
25Kb / 2P
   QUAD N-CHANNEL ENHANCEMENT MOSFETS
ZVN2106B SEME-LAB-ZVN2106B Datasheet
105Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOSFET
SML2308CSM4 SEME-LAB-SML2308CSM4 Datasheet
21Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOSFET
2N6661DCSM SEME-LAB-2N6661DCSM Datasheet
41Kb / 2P
   DUAL N?밅HANNEL ENHANCEMENT MODE
2N6660CSM4_0809 SEME-LAB-2N6660CSM4_0809 Datasheet
135Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOSFET
SML1004R2GXN SEME-LAB-SML1004R2GXN Datasheet
23Kb / 2P
   4TH GENERATION MOSFET N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE ISOLATED POWER MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com