Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1086-12-220M Datasheet(PDF) 1 Page - Seme LAB

Part # LM1086-12-220M
Description  LOW DROPOUT 1.5 AMP POSITIVE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM1086-12-220M Datasheet(HTML) 1 Page - Seme LAB

  LM1086-12-220M Datasheet HTML 1Page - Seme LAB LM1086-12-220M Datasheet HTML 2Page - Seme LAB LM1086-12-220M Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Prelim. 5/95
LAB
SEME
LM1086–220M–05
LM1086–05–220M
LM1086–12–220M
MILITARY VERSION
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dia.
2.65
2.75
0.89
1.14
0.70
0.90
4.70
5.00
10.41
10.67
3.56
3.81
2.54
BSC
12 3
TO–220 Isolated Metal Package
Pin
Fixed
Adjustable
1
GROUND
ADJUST
2
OUTPUT
OUTPUT
3
INPUT
INPUT
Case is ISOLATED
LM1086–220M
Positive Adjustable Regulator
LM1086–05–220M
Fixed +5V Regulator
LM1086–12–220M
Fixed +12V Regulator
Pinouts
Ordering Information
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
LOW DROPOUT
1.5 AMP POSITIVE
VOLTAGE REGULATOR
VIN
Input Voltage *
PD
Power Dissipation
VIN
Operating Input Voltage
Adjustable
5 Volt
12 Volt
TJ
Operating Junction Temperature Range
Control
Power
TSTG
Storage Temperature Range
TLEAD Lead Temperature (for 10 sec.)
30V
Internally limited
25V
20V
25V
–55 to 150°C
–55 to 200°C
–65 to 150°C
300°C
FEATURES
• Low Dropout Performance
• Fixed or Adjustable Voltages
• Fixed Output Voltages of 5V & 12V
• Output Current 1.5A
• Line Regulation 0.015% / V Typical.
• Load Regulation 0.1% Typical.
• Military Temperature Range (–55 to +150°C)
IN
V
THERMAL
LIMIT
ADJ
V
OUT
V
* Although the devices’ maximum operating voltage is limited (20V for the 5V device, and 25V for the 12V and adjustable devices) the devices are
guaranteed to withstand transient input voltages up to 30V. For input voltages greater than the maximum operating input voltage, some degradation of
specifications will occur. For 5V and 12V devices operating at input-output voltage differentials >15V, a minimum external load of 5mA is required to
maintain regulation.
BLOCK DIAGRAM


Similar Part No. - LM1086-12-220M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1086-ADJMDC TI1-LM1086-ADJMDC Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1086-ADJMDC TI1-LM1086-ADJMDC Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results

Similar Description - LM1086-12-220M

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
OM7671ST ETC-OM7671ST Datasheet
433Kb / 3P
   1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
   RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Seme LAB
LM1085-220M SEME-LAB-LM1085-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
LM1083HN SEME-LAB-LM1083HN Datasheet
35Kb / 2P
   7.5 AMP LOW DROPOUT POSITIVE
LM1084HN SEME-LAB-LM1084HN Datasheet
36Kb / 2P
   5 AMP LOW DROPOUT POSITIVE
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com