Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T201V Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48T201V
Description  5.0 or 3.3 V TIMEKEEPER짰 supervisor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201V Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48T201V Datasheet HTML 2Page - STMicroelectronics M48T201V Datasheet HTML 3Page - STMicroelectronics M48T201V Datasheet HTML 4Page - STMicroelectronics M48T201V Datasheet HTML 5Page - STMicroelectronics M48T201V Datasheet HTML 6Page - STMicroelectronics M48T201V Datasheet HTML 7Page - STMicroelectronics M48T201V Datasheet HTML 8Page - STMicroelectronics M48T201V Datasheet HTML 9Page - STMicroelectronics M48T201V Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Description
M48T201Y, M48T201V
6/37
1
Description
The M48T201Y/V are self-contained devices that include a real time clock (RTC),
programmable alarms, a watchdog timer, and a square wave output which provides control
of up to 512 K x 8 of external low-power static RAM. Access to all RTC functions and the
external RAM is the same as conventional bytewide SRAM. The 16 TIMEKEEPER®
registers offer year, month, date, day, hour, minute, second, calibration, alarm, century,
watchdog, and square wave output data. Externally attached static RAMs are controlled by
the M48T201Y/V via the GCON and ECON signals.
The 44-pin, 330 mil SOIC provides sockets with gold plated contacts at both ends for direct
connection to a separate SNAPHAT® housing containing the battery and crystal. The
unique design allows the SNAPHAT battery package to be mounted on top of the SOIC
package after the completion of the surface mount process.
Insertion of the SNAPHAT housing after reflow prevents potential battery damage due to the
high temperatures required for device surface-mounting. The SNAPHAT housing is keyed to
prevent reverse insertion. The SOIC and battery packages are shipped separately in plastic
anti-static tubes or in tape & reel form. For the 44-lead SOIC, the battery/crystal package
(e.g., SNAPHAT) part number is “M4Txx-BR12SH” (see Table 19 on page 34).
Caution:
Do not place the SNAPHAT battery/crystal top in conductive foam as this will drain the
lithium button-cell battery.
Figure 1.
Logic diagram
AI02240
19
A0-A18
WDI
DQ0-DQ7
VCC
M48T201Y
M48T201V
G
VSS
8
E
ECON
GCON
W
RSTIN2
RSTIN1
RST
IRQ/FT
VOUT
SQW


Similar Part No. - M48T201V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201V STMICROELECTRONICS-M48T201V Datasheet
477Kb / 33P
   3.3V-5V TIMEKEEPER CONTROLLER
M48T201V STMICROELECTRONICS-M48T201V Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M48T201V-70MH1 STMICROELECTRONICS-M48T201V-70MH1 Datasheet
477Kb / 33P
   3.3V-5V TIMEKEEPER CONTROLLER
M48T201V-70MH1 STMICROELECTRONICS-M48T201V-70MH1 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M48T201V-70MH1TR STMICROELECTRONICS-M48T201V-70MH1TR Datasheet
477Kb / 33P
   3.3V-5V TIMEKEEPER CONTROLLER
More results

Similar Description - M48T201V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
   5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
M48T59 STMICROELECTRONICS-M48T59_08 Datasheet
378Kb / 32P
   5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
M48T128Y STMICROELECTRONICS-M48T128Y_10 Datasheet
364Kb / 23P
   5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER짰 SRAM
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
BD4XXM2-C ROHM-BD4XXM2-C Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
BD433M2WFP3-C ROHM-BD433M2WFP3-C Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com