Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T128Y-80PM1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48T128Y-80PM1
Description  5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER짰 SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128Y-80PM1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48T128Y-80PM1 Datasheet HTML 4Page - STMicroelectronics M48T128Y-80PM1 Datasheet HTML 5Page - STMicroelectronics M48T128Y-80PM1 Datasheet HTML 6Page - STMicroelectronics M48T128Y-80PM1 Datasheet HTML 7Page - STMicroelectronics M48T128Y-80PM1 Datasheet HTML 8Page - STMicroelectronics M48T128Y-80PM1 Datasheet HTML 9Page - STMicroelectronics M48T128Y-80PM1 Datasheet HTML 10Page - STMicroelectronics M48T128Y-80PM1 Datasheet HTML 11Page - STMicroelectronics M48T128Y-80PM1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Operation modes
M48T128Y, M48T128V
8/23
Doc ID 5746 Rev 6
2.1
READ mode
The M48T128Y/V is in the READ mode whenever W (WRITE enable) is high and E (chip
enable) is low. The unique address specified by the 17 address inputs defines which one of
the 131,072 bytes of data is to be accessed.
Valid data will be available at the data I/O pins within tAVQV (address access time) after the
last address input signal is stable, providing the E and G access times are also satisfied. If
the E and G access times are not met, valid data will be available after the latter of the chip
enable access times (tELQV) or output enable access time (tGLQV). The state of the eight
three-state data I/O signals is controlled by E and G. If the outputs are activated before
tAVQV, the data lines will be driven to an indeterminate state until tAVQV. If the address inputs
are changed while E and G remain active, output data will remain valid for tAXQX (output
data hold time) but will go indeterminate until the next address access.
Figure 4.
READ mode AC waveforms
Note:
WE = High.
Table 3.
READ mode AC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V (except where noted).
M48T128Y
M48T128V
Unit
–70
–85
Min
Max
Min
Max
tAVAV
READ cycle time
70
85
ns
tAVQV
Address valid to output valid
70
85
ns
tELQV
Chip enable low to output valid
70
85
ns
tGLQV
Output enable low to output valid
40
55
ns
tELQX
(2)
2.
CL = 5 pF.
Chip enable low to output transition
5
5
ns
tGLQX
(2)
Output enable low to output transition
5
5
ns
tEHQZ
(2)
Chip enable high to output Hi-Z
25
30
ns
tGHQZ
(2)
Output enable high to output Hi-Z
25
30
ns
tAXQX
Address transition to output transition
10
5
ns
AI01197
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
DATA OUT
A0-A16
E
G
DQ0-DQ7
VALID


Similar Part No. - M48T128Y-80PM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128Y-85PM1 STMICROELECTRONICS-M48T128Y-85PM1 Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T128Y-85PM1TR STMICROELECTRONICS-M48T128Y-85PM1TR Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
More results

Similar Description - M48T128Y-80PM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
   5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER짰 SRAM
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T59 STMICROELECTRONICS-M48T59_08 Datasheet
378Kb / 32P
   5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
   5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com