Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4276 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA4276
Description  3 W 2-Channel Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4276 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA4276 Datasheet HTML 1Page - Sanyo Semicon Device LA4276 Datasheet HTML 2Page - Sanyo Semicon Device LA4276 Datasheet HTML 3Page - Sanyo Semicon Device LA4276 Datasheet HTML 4Page - Sanyo Semicon Device LA4276 Datasheet HTML 5Page - Sanyo Semicon Device LA4276 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LA4276
PS No. 7094-6/6
Output power, PO – W
Pd – PO
ILA00868
0.1
1.0
23
5
7
2
3
5
5
4
3
1
2
0
VCC = 16 V
RL = 8 Ω
f = 1 kHz
Pd = VCC × CC – 2 × PO
0
ILA00958
0
0.5 s/DIV
0
ILA00957
0
0.5 s/DIV
Pop noise waveform (1 V/DIV)
Middle point rise waveform (5 V/DIV)
Pop noise waveform (1 V/DIV)
Middle point fall waveform (5 V/DIV)
SP terminal AC
Output DC
Power on output waveform
Power off output waveform
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the “Delivery Specification”
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of April, 2002. Specifications and information herein are subject to
change without notice.


Similar Part No. - LA4276

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4270 SANYO-LA4270 Datasheet
324Kb / 10P
   6W Dual-Channel AF Power Amp
LA4270 SANYO-LA4270 Datasheet
49Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
LA4275 SANYO-LA4275 Datasheet
42Kb / 2P
   6.0 W AF Power Amplifier for Home Stereo, TV Use
LA4277 SANYO-LA4277 Datasheet
79Kb / 6P
   5 W 2-Channel Power Amplifier
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
   10 W 2-Channel Power Amplifier
More results

Similar Description - LA4276

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
   10 W 2-Channel Power Amplifier
LA4277 SANYO-LA4277 Datasheet
79Kb / 6P
   5 W 2-Channel Power Amplifier
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
   2.3 W 2-Channel AF Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-010516 MA-COM-MAAP-010516 Datasheet
493Kb / 8P
   3 W Power Amplifier
MAAP-010516 MA-COM-MAAP-010516_15 Datasheet
922Kb / 9P
   3 W Power Amplifier
MAAP-011247-DIE MA-COM-MAAP-011247-DIE Datasheet
1Mb / 9P
   Power Amplifier, 2 W
MAAP-011146-STD MA-COM-MAAP-011146-STD Datasheet
1Mb / 10P
   Power Amplifier, 2 W
logo
Texas Instruments
TPA0103 TI-TPA0103 Datasheet
744Kb / 38P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103 TI-TPA0103_V01 Datasheet
2Mb / 47P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103PWPRG4 TI-TPA0103PWPRG4 Datasheet
1Mb / 4P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com