Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6798 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6798
Description  N-CHANNEL ENHANCEMENT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6798 Datasheet(HTML) 1 Page - Seme LAB

  2N6798 Datasheet HTML 1Page - Seme LAB 2N6798 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 3096
Issue 3
IRFF230
2N6798
N-CHANNEL ENHANCEMENT
MODE TRANSISTOR
FEATURES
•V(BR)DSS = 200V
•ID = 5.5A
•RDSON = 0.40Ω
Ω
VDS
Drain–Source Voltage
VGS
Gate–Source Voltage
ID
Drain Current Continuous TCase = 25°C
TCase = 100°C
IDM
Drain Current Pulsed
PD
Total Device Dissipation @ TCase = 25°C
TCase = 100°C
TJ , TSTG
Operating and Storage Junction Temperature Range
THERMAL CHARACTERISTICS
RθJC
Thermal Resistance Junction to Case
RθJA
Thermal Resistance Junction to Ambient
TL
Maximum Lead Temperature 1.6mm from Case for
10 secs.
200V
±20V
5.5A
3.5A
22A
25W
10W
–55 to +150°C
5.0°C/W
175°C/W
300°C
MECHANICAL DATA
Dimensions in mm (inches)
TO–39 PACKAGE (TO-205AF)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
PIN 1 – Source
Underside View
PIN 2 – Gate
PIN 3 – Drain
0.89
(0.035)
max.
12.70
(0.500)
min.
4.06 (0.16)
4.57 (0.18)
8.64 (0.34)
9.40 (0.37)
8.01 (0.315)
9.01 (0.355)
0.41 (0.016)
0.53 (0.021)
dia.
0.74 (0.029)
1.14 (0.045)
0.71 (0.028)
0.53 (0.021)
2.54
(0.100)
5.08 (0.200)
typ.
45°
1
2
3


Similar Part No. - 2N6798

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
logo
List of Unclassifed Man...
2N6798 ETC2-2N6798 Datasheet
47Kb / 5P
   100 V, 200 V, 400 V & 500 V, N-Channel, Enhancement Mode MOSFET Power Transistor
logo
Microsemi Corporation
2N6798 MICROSEMI-2N6798 Datasheet
102Kb / 2P
   N-CHANNEL MOSFET
2N6798 MICROSEMI-2N6798 Datasheet
174Kb / 3P
   N-CHANNEL MOSFET
2N6798U MICROSEMI-2N6798U Datasheet
102Kb / 2P
   N-CHANNEL MOSFET
More results

Similar Description - 2N6798

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N70K-MT UTC-2N70K-MT Datasheet
351Kb / 7P
   N-CHANNEL ENHANCEMENT
UT6898 UTC-UT6898_15 Datasheet
214Kb / 5P
   N-CHANNEL ENHANCEMENT
logo
Transys Electronics
2N7000 TRSYS-2N7000 Datasheet
288Kb / 3P
   N-CHANNEL-ENHANCEMENT
logo
Calogic, LLC
3N170 CALOGIC-3N170_15 Datasheet
35Kb / 2P
   N-Channel Enhancement
logo
Unisonic Technologies
1N40A UTC-1N40A Datasheet
183Kb / 5P
   N-CHANNEL ENHANCEMENT
1N60-KW UTC-1N60-KW Datasheet
267Kb / 7P
   N-CHANNEL ENHANCEMENT
logo
List of Unclassifed Man...
FTP14N50C ETC1-FTP14N50C Datasheet
54Kb / 6P
   N-Channel Enhancement
logo
Transys Electronics
2N7002LT1 TRSYS-2N7002LT1 Datasheet
343Kb / 4P
   N-CHANNEL ENHANCEMENT
logo
Yea Shin Technology Co....
2N7002E YEASHIN-2N7002E Datasheet
999Kb / 4P
   N-CHANNEL ENHANCEMENT
logo
New Jersey Semi-Conduct...
2N4351 NJSEMI-2N4351 Datasheet
142Kb / 1P
   N-CHANNEL ENHANCEMENT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com