Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T835-800G-TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # T835-800G-TR
Description  Snubberless?? logic level and standard 8 A Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835-800G-TR Datasheet(HTML) 3 Page - STMicroelectronics

  T835-800G-TR Datasheet HTML 1Page - STMicroelectronics T835-800G-TR Datasheet HTML 2Page - STMicroelectronics T835-800G-TR Datasheet HTML 3Page - STMicroelectronics T835-800G-TR Datasheet HTML 4Page - STMicroelectronics T835-800G-TR Datasheet HTML 5Page - STMicroelectronics T835-800G-TR Datasheet HTML 6Page - STMicroelectronics T835-800G-TR Datasheet HTML 7Page - STMicroelectronics T835-800G-TR Datasheet HTML 8Page - STMicroelectronics T835-800G-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BTA08, BTB08 and T8 Series
Characteristics
Doc ID 7472 Rev 7
3/12
S = Copper surface under tab.
Table 3.
Standard (4 quadrants)
Symbol
Test conditions
Quadrant
BTA08 / BTB08
Unit
CB
IGT
(1)
VD = 12 V, RL = 33 Ω
I - II - III
IV
MAX.
25
50
50
100
mA
VGT
ALL
MAX.
1.3
V
VGD
VD = VDRM, RL = 3.3 kΩ, Tj = 125 °C
ALL
MIN.
0.2
V
IH
(2)
IT = 500 mA
MAX.
25
50
mA
IL
IG = 1.2 IGT
I - III - IV
MAX.
40
50
mA
II
80
100
dV/dt (2) VD = 67 %VDRM gate open
Tj = 125 °C
MIN.
200
400
V/µs
(dV/dt)c
(2)
(dI/dt)c = 5.3 A/ms
Tj = 125 °C
MIN.
5
10
V/µs
Table 4.
Static characteristics
Symbol
Test conditions
Value
Unit
VTM
(1)
ITM = 11 A, tp = 380 µs
Tj = 25 °C
MAX.
1.55
V
Vt0
(2)
Threshold voltage
Tj = 125 °C
MAX.
0.85
V
Rd
(2)
Dynamic resistance
Tj = 125 °C
MAX.
50
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX.
5µA
Tj = 125 °C
1
mA
1.
minimum IGT is guaranted at 5% of IGT max.
2.
for both polarities of A2 referenced to A1.
Table 5.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
IPAK / D2PAK / DPAK / TO-220AB
1.6
°C/W
TO-220AB Insulated
2.5
Rth(j-a)
Junction to ambient
S = 1 cm²
D2PAK
45
°C/W
S = 0.5 cm²
DPAK
70
TO-220AB / TO-220AB Insulated
60
IPAK
100


Similar Part No. - T835-800G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T835-800G-TR STMICROELECTRONICS-T835-800G-TR Datasheet
129Kb / 11P
   8A TRIACS
T835-800G-TR STMICROELECTRONICS-T835-800G-TR Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Similar Description - T835-800G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T8T STMICROELECTRONICS-T8T Datasheet
160Kb / 9P
   Snubberless?? logic level and standard 8 A Triacs
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com