Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T835-800G-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # T835-800G-TR
Description  Snubberless?? logic level and standard 8 A Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835-800G-TR Datasheet(HTML) 1 Page - STMicroelectronics

  T835-800G-TR Datasheet HTML 1Page - STMicroelectronics T835-800G-TR Datasheet HTML 2Page - STMicroelectronics T835-800G-TR Datasheet HTML 3Page - STMicroelectronics T835-800G-TR Datasheet HTML 4Page - STMicroelectronics T835-800G-TR Datasheet HTML 5Page - STMicroelectronics T835-800G-TR Datasheet HTML 6Page - STMicroelectronics T835-800G-TR Datasheet HTML 7Page - STMicroelectronics T835-800G-TR Datasheet HTML 8Page - STMicroelectronics T835-800G-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2010
Doc ID 7472 Rev 7
1/12
12
BTA08, BTB08
T810, T835
Snubberless™, logic level and standard 8 A Triacs
Features
On-state rms current, IT(RMS) 8 A
Repetitive peak off-state voltage, VDRM/VRRM
600 to 800 V
Triggering gate current, IGT (Q1) 5 to 50 mA
Description
Available either in through-hole or surface-mount
packages, the BTA08, BTB08 and T8 triac series
is suitable for general purpose AC switching. They
can be used as an ON/OFF function in
applications such as static relays, heating
regulation, induction motor starting circuits... or
for phase control operation in light dimmers,
motor speed controllers,...
The snubberless versions (BTA/BTB...W and T8
series) are specially recommended for use on
inductive loads, thanks to their high commutation
performances.
Logic level versions are designed to interface
directly with low power drivers such as
microcontrollers.
By using an internal ceramic pad, the BTA series
provides voltage insulated tab (rated at 2500
VRMS) complying with UL standards (file ref.:
E81734).
TO-220AB Insulated
(BTA08)
TO-220AB
(BTB08)
A2
A1
G
A2
A2
G
A1
A2
A2
A1
G
D2PAK
(T8-G)
IPAK
(T8-H)
A2
A2
A1
G
G
A2
A1
G
A2
A2
A1
DPAK
(T8-B)
www.st.com


Similar Part No. - T835-800G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T835-800G-TR STMICROELECTRONICS-T835-800G-TR Datasheet
129Kb / 11P
   8A TRIACS
T835-800G-TR STMICROELECTRONICS-T835-800G-TR Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Similar Description - T835-800G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T8T STMICROELECTRONICS-T8T Datasheet
160Kb / 9P
   Snubberless?? logic level and standard 8 A Triacs
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com