Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T810-800G-TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # T810-800G-TR
Description  Snubberless?? logic level and standard 8 A Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810-800G-TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button T810-800G-TR Datasheet HTML 4Page - STMicroelectronics T810-800G-TR Datasheet HTML 5Page - STMicroelectronics T810-800G-TR Datasheet HTML 6Page - STMicroelectronics T810-800G-TR Datasheet HTML 7Page - STMicroelectronics T810-800G-TR Datasheet HTML 8Page - STMicroelectronics T810-800G-TR Datasheet HTML 9Page - STMicroelectronics T810-800G-TR Datasheet HTML 10Page - STMicroelectronics T810-800G-TR Datasheet HTML 11Page - STMicroelectronics T810-800G-TR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Package information
BTA08, BTB08 and T8 Series
8/12
Doc ID 7472 Rev 7
Table 8.
IPAK dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.20
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
A3
0.70
1.30
0.027
0.051
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.212
B3
0.95
0.037
B5
0.30
0.035
C
0.45
0.60
0.017
0.023
C2
0.48
0.60
0.019
0.023
D
6
6.20
0.236
0.244
E
6.40
6.60
0.252
0.260
e2.28
0.090
G
4.40
4.60
0.173
0.181
H
16.10
0.634
L
9
9.40
0.354
0.370
L1
0.8
1.20
0.031
0.047
L2
0.80
1
0.031 0.039
V1
10°
10°
H
L
L1
G
e
B5
B
V1
D
C
A1
A3
A
C2
B3
L2
E
B2


Similar Part No. - T810-800G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810-800G-TR STMICROELECTRONICS-T810-800G-TR Datasheet
129Kb / 11P
   8A TRIACS
T810-800G-TR STMICROELECTRONICS-T810-800G-TR Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Similar Description - T810-800G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T8T STMICROELECTRONICS-T8T Datasheet
160Kb / 9P
   Snubberless?? logic level and standard 8 A Triacs
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com