Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T810-600G-TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # T810-600G-TR
Description  Snubberless?? logic level and standard 8 A Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810-600G-TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button T810-600G-TR Datasheet HTML 4Page - STMicroelectronics T810-600G-TR Datasheet HTML 5Page - STMicroelectronics T810-600G-TR Datasheet HTML 6Page - STMicroelectronics T810-600G-TR Datasheet HTML 7Page - STMicroelectronics T810-600G-TR Datasheet HTML 8Page - STMicroelectronics T810-600G-TR Datasheet HTML 9Page - STMicroelectronics T810-600G-TR Datasheet HTML 10Page - STMicroelectronics T810-600G-TR Datasheet HTML 11Page - STMicroelectronics T810-600G-TR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BTA08, BTB08 and T8 Series
Ordering information
Doc ID 7472 Rev 7
11/12
4
Ordering information
xxx = voltage, yy = sensitivity, z = type
5
Revision history
Table 10.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
BTA/BTB08-xxxyzRG
BTA/BTB08-xxxyz
TO-220AB
2.3 g
50
Tube
T8yy-xxxG
T8yyxx
D2PAK
1.5 g
50
Tube
T8yy-xxxG-TR
T8yyxx
1000
Tape and reel
T8yy-xxxB
T8yyxx
DPAK
0.3 g
75
Tube
T8yy-xxxB-TR
T8yyxx
2500
Tape and reel
T8yy-xxxH
T8yyxx
IPAK
0.4 g
75
Tube
Table 11.
Document revision history
Date
Revision
Changes
Apr-2002
5A
Last update.
13-Feb-2006
6
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.
10-Mar-2010
7
Updated ECOPACK statement and Figure 16.


Similar Part No. - T810-600G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810-600G-TR STMICROELECTRONICS-T810-600G-TR Datasheet
129Kb / 11P
   8A TRIACS
T810-600G-TR STMICROELECTRONICS-T810-600G-TR Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Similar Description - T810-600G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T8T STMICROELECTRONICS-T8T Datasheet
160Kb / 9P
   Snubberless?? logic level and standard 8 A Triacs
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com