Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5002UK Datasheet(PDF) 2 Page - Seme LAB

Part # D5002UK
Description  ROHS COMPLIANT METAL GATE RF SILICON FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D5002UK Datasheet(HTML) 2 Page - Seme LAB

  D5002UK Datasheet HTML 1Page - Seme LAB D5002UK Datasheet HTML 2Page - Seme LAB D5002UK Datasheet HTML 3Page - Seme LAB D5002UK Datasheet HTML 4Page - Seme LAB D5002UK Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D5002UK
Document Number 3141
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS = 0
ID = 100mA
VDS = 50V
VGS = 0
VGS = 20V
VDS = 0
ID = 10mA
VDS = VGS
VDS = 10V
ID = 1A
PO = 40W
VDS = 50V
IDQ = 0.2A
f = 175MHz
VDS = 50V
VGS = –5V f = 1MHz
VDS = 50V
VGS = 0
f = 1MHz
VDS = 50V
VGS = 0
f = 1MHz
V
mA
µA
V
S
dB
%
pF
pF
pF
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Drain–Source
BVDSS
Breakdown Voltage
Zero Gate Voltage
IDSS
Drain Current
IGSS
Gate Leakage Current
VGS(th) Gate Threshold Voltage*
gfs
Forward Transconductance*
GPS
Common Source Power Gain
η
Drain Efficiency
VSWR
Load Mismatch Tolerance
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
125
2
1
17
1.6
16
50
20:1
120
50
3
HAZARDOUS MATERIAL WARNING
The ceramic portion of the device between leads and metal flange is beryllium oxide. Beryllium oxide dust is highly
toxic and care must be taken during handling and mounting to avoid damage to this area.
THESE DEVICES MUST NEVER BE THROWN AWAY WITH GENERAL INDUSTRIAL OR DOMESTIC WASTE.
RTHj–case
Thermal Resistance Junction – Case
Max. 2.0°C / W
THERMAL DATA
* Pulse Test:
Pulse Duration = 300
µs , Duty Cycle ≤ 2%


Similar Part No. - D5002UK

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
D500 OHMITE-D500 Datasheet
261Kb / 2P
   Rugged lead free vitreous enamel coating
logo
Dubilier
D5000 DUBILIER-D5000 Datasheet
95Kb / 1P
   ALKALINE
logo
Agilent(Hewlett-Packard...
D5000 HP-D5000 Datasheet
432Kb / 2P
   Agilent D5000 ScreenTape and High Sensitivity D5000 ScreenTape Assays
logo
Highly Electric Co., Lt...
D5000 HIGHLY-D5000 Datasheet
1Mb / 4P
   D COMPACT ENCLOSED SWITCH
logo
List of Unclassifed Man...
D5000M ETC2-D5000M Datasheet
52Kb / 4P
   Modbus RTU or DGH ASCII communications protocol
More results

Similar Description - D5002UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2009UK SEME-LAB-D2009UK Datasheet
31Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D5029UK SEME-LAB-D5029UK Datasheet
62Kb / 4P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1028 SEME-LAB-DMD1028 Datasheet
90Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1012 SEME-LAB-DMD1012 Datasheet
32Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1010 SEME-LAB-DMD1010 Datasheet
87Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD5029 SEME-LAB-DMD5029 Datasheet
32Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D5001UK SEME-LAB-D5001UK Datasheet
75Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D2018UK SEME-LAB-D2018UK Datasheet
34Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D5006UK SEME-LAB-D5006UK Datasheet
32Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD5028 SEME-LAB-DMD5028 Datasheet
105Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com