Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4260 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA4260
Description  2.5 W 2-Channel AF Power Amplifier for Home Stereos and Music Centers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4260 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA4260 Datasheet HTML 1Page - Sanyo Semicon Device LA4260 Datasheet HTML 2Page - Sanyo Semicon Device LA4260 Datasheet HTML 3Page - Sanyo Semicon Device LA4260 Datasheet HTML 4Page - Sanyo Semicon Device LA4260 Datasheet HTML 5Page - Sanyo Semicon Device LA4260 Datasheet HTML 6Page - Sanyo Semicon Device LA4260 Datasheet HTML 7Page - Sanyo Semicon Device LA4260 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Sample Printed Circuit Pattern
Description of External Parts
C1, C4
100 µF
Feedback capacitor
Decreasing the capacitance value lowers the low frequency response. Increasing the
capacitance value makes the starting time later.
C2, C3
330 pF
Input short capacitor
Reduces the high frequency noise when the input impedance is increased. Not required
when the input impedance is decreased.
C5, C7
470 µF
Output capacitor
Decreasing the capacitance value causes insufficient power at low frequencies.
C6, C8
0.1 µF
polyester film
capacitor
Oscillation blocking capacitor
Decreasing the capacitance value causes oscillation to occur easily. Use a polyester film
capacitor that is good in high frequency response and temperature characteristic. The use
of an electrolytic capacitor may cause oscillation to occur at low temperatures.
C9
470 µF
Power capacitor
Decreasing the capacitance value causes ripple to occur. Locating at a distance from the
IC or removing this capacitor may cause oscillation to occur.
C10
100 µF
Ripple filter capacitor
Decreasing the capacitance value excessively or removing this capacitor causes ripple to
occur. However, increasing the capacitance value does not always cause ripple to be
reduced. Decreasing the capacitance value makes the starting time earlier.
R1, R2
100 k
Input bias resistor
Determines the bias (bias of GND potential) to be applied to the input pin and the input
impedance. Not required if variable resistors are used.
R3, R4
3.3
Resistor connected in series with oscillation blocking capacitor.
Prevents phase shift attributable to the oscillation blocking capacitor so that oscillation is
hard to occur.
Sample Application Circuit 1:
Recommended Circuit
Sample Application Circuit 2:
Circuit with minimum number of external
parts
Unit (resistance:
Ω, capacitance: F)
Unit (resistance:
Ω, capacitance: F)
LA4260
No.5644-3/8


Similar Part No. - LA4260

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4260 SANYO-LA4260 Datasheet
49Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
More results

Similar Description - LA4260

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4261 SANYO-LA4261 Datasheet
229Kb / 8P
   3.5 W 2-Channel AF Power Amplifier for Home Stereos and Music Centers
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4700N SANYO-LA4700N Datasheet
137Kb / 5P
   2-Channel 12W AF Power Amplifier for Car Stereos
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
logo
Sanyo Semicon Device
LA4282 SANYO-LA4282 Datasheet
151Kb / 6P
   2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
LA4275 SANYO-LA4275 Datasheet
42Kb / 2P
   6.0 W AF Power Amplifier for Home Stereo, TV Use
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
   2.3 W 2-Channel AF Power Amplifier
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com