Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB40-600BRG Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTB40-600BRG
Description  40 A standard TRIACs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB40-600BRG Datasheet(HTML) 5 Page - STMicroelectronics

  BTB40-600BRG Datasheet HTML 1Page - STMicroelectronics BTB40-600BRG Datasheet HTML 2Page - STMicroelectronics BTB40-600BRG Datasheet HTML 3Page - STMicroelectronics BTB40-600BRG Datasheet HTML 4Page - STMicroelectronics BTB40-600BRG Datasheet HTML 5Page - STMicroelectronics BTB40-600BRG Datasheet HTML 6Page - STMicroelectronics BTB40-600BRG Datasheet HTML 7Page - STMicroelectronics BTB40-600BRG Datasheet HTML 8Page - STMicroelectronics BTB40-600BRG Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BTA40, BTA41, BTB41
Ordering information scheme
Doc ID 7469 Rev 8
5/9
2
Ordering information scheme
Figure 10.
Ordering information scheme
BT A 40 - 600 B RG
TRIAC series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non-insulated
40 = 40 A in RD91
600 = 600 V
800 = 800 V
B = 50 mA standard
RG = Tube
Blank = Bulk


Similar Part No. - BTB40-600BRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB40-600BRG STMICROELECTRONICS-BTB40-600BRG Datasheet
85Kb / 7P
   40A TRIACs
BTB40-600BRG STMICROELECTRONICS-BTB40-600BRG Datasheet
95Kb / 7P
   40A TRIACS
More results

Similar Description - BTB40-600BRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
   40 A high voltage Triacs
June 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com