Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NICFP-CB-1 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NICFP-CB-1
Description  LabVIEW Real-Time Controller Interfaces with Ethernet
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NICFP-CB-1 Datasheet(HTML) 1 Page - National Instruments Corporation

  NICFP-CB-1 Datasheet HTML 1Page - National Instruments Corporation NICFP-CB-1 Datasheet HTML 2Page - National Instruments Corporation NICFP-CB-1 Datasheet HTML 3Page - National Instruments Corporation NICFP-CB-1 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
518 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Overview and Applications
Compact FieldPoint is a programmable automation controller (PAC)
designed for industrial control applications performing advanced
embedded control, data logging, headless operation, and Ethernet
connectivity. It combines the packaging, specifications, and
reliability of a PLC with the software, flexibility, connectivity, and
functionality of a PC. Compact FieldPoint is our most rugged and
reliable platform and is designed for industrial and mobile
environments with high shock, vibration, and temperature extremes.
Compact FieldPoint banks run LabVIEW Real-Time, providing the
functionality, connectivity, and flexibility of LabVIEW on a small,
rugged, industrial platform. The modular I/O architecture with
built-in signal conditioning and isolation provides direct
connectivity to industrial sensors such as analog voltage, 4 to 20 mA
current, thermocouple, RTD, pressure, strain, flow, pulse width
modulation (PWM), and 24 V digital I/O.
Engineers and scientists use the National Instruments cFP-20xx
controllers in intelligent distributed applications requiring
industrial-grade reliability, such as process and discrete control
systems, to open and close valves, run control loops, log data,
perform real-time simulation and analysis, and communicate over
serial, phone, and Ethernet.
System Configurations
A single NI cFP-20xx controller manages a bank of up to eight
Compact FieldPoint analog and digital I/O modules, which
constitutes a node. The network module securely mounts on a
metal backplane that provides a solid mounting surface for the
Compact FieldPoint bank and forms the communication bus
between the controller module and the I/O modules. You choose the
I/O modules and connector block or cabling option that is best
suited for your application.
For more details on configuring a Compact FieldPoint system,
see page 517.
Highly Productive Software
When your application requires powerful functionality and rapid
development, the key is flexible software that integrates seamlessly
with hardware. LabVIEW is an industry-standard graphical
development environment that provides all the tools necessary to
create advanced and full-featured measurement and control
applications. LabVIEW makes it easy to construct simple or
complex applications using an extensive palette of functions and
tools – from simple analog PID process control loops to high-
channel-count hybrid control systems that combine both analog
and digital components.
Controller Overview
•Real-time LabVIEW embedded
controllers for intelligent
industrial I/O
•Stand-alone embedded real-time
controller or PC-based distributed
I/O Ethernet interface
•Industrial-grade reliability
Automatic self-diagnostics
Redundant power supply inputs
Isolated communication bus to
I/O modules
• RS-232 and RS-485 serial
ports for local device control
•Removable CompactFlash
for data logging
•Class I Div 2 Rated
for Hazardous Environments
Operating Systems
•Windows 2000/NT/XP
•Real-time performance
with LabVIEW (page 134)
Recommended Software
• LabVIEW
• LabVIEW Real-Time Module
• LabVIEW Datalogging and
Supervisory Control Module
Other Compatible Software
• LabWindows/CVI
•Measurement Studio
•Lookout
•VI Logger
Driver Software (included)
•Measurement &
Automation Explorer
• OPC server (2.0 compliant)
NI cFP-2020, NI cFP-2010, NI cFP-2000
LabVIEW Real-Time
Controller Interfaces with Ethernet
NEW
Internal
DRAM
Nonvolite
Removable
RS-232
RS-485
Module
Memory
Storage
Compact Flash
Ethernet Ports
Serial Ports
Serial Ports
cFP-2020
32 MB
64 MB
13
1
cFP-2010
32 MB
64 MB
1
2
0
cFP-2000
16 MB
32 MB
1
1
0


Similar Part No. - NICFP-CB-1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
426Kb / 3P
   4- and 8-slot backplanes/Solid metal construction for rugged installati
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
400Kb / 4P
   8 or 16 digital outputs/Fused outputs for short circuit protection cFP-DO-410
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
651Kb / 3P
   Relay Modules for Compact FieldPoint
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
609Kb / 5P
   Analog Input/Output Combination Modules for Compact FieldPoint and FieldPoint
More results

Similar Description - NICFP-CB-1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NICFP-21XX NI-NICFP-21XX Datasheet
408Kb / 6P
   Compact FieldPoint LabVIEW Real-Time Controllers with Ethernet
logo
Renesas Technology Corp
ERTEC RENESAS-ERTEC Datasheet
566Kb / 51P
   Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
November 2009
logo
Red Lion Controls. Inc
ET-DS REDLION-ET-DS Datasheet
494Kb / 2P
   Ethernet Real-Time Device Servers
logo
Infineon Technologies A...
XE161FU INFINEON-XE161FU Datasheet
2Mb / 106P
   Real Time Signal Controller
V1.2 2012-07
XE164FN INFINEON-XE164FN_13 Datasheet
3Mb / 126P
   Real Time Signal Controller
V1.4 2013-02
XE167FH INFINEON-XE167FH Datasheet
1Mb / 143P
   Real Time Signal Controller
V1.3 2011-07
XE162FN INFINEON-XE162FN_13 Datasheet
2Mb / 107P
   Real Time Signal Controller
V1.5 2013-02
logo
Advanced Micro Devices
AM29114 AMD-AM29114 Datasheet
607Kb / 10P
   Real-Time Interrupt Controller
logo
Infineon Technologies A...
XE162FM INFINEON-XE162FM Datasheet
1Mb / 107P
   Real Time Signal Controller
V2.1 2011-07
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
   Real-Time Ethernet Multiprotocol (REM) Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com