Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPCI-6032E Datasheet(PDF) 5 Page - National Instruments Corporation

Part # NIPCI-6032E
Description  Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6032E Datasheet(HTML) 5 Page - National Instruments Corporation

  NIPCI-6032E Datasheet HTML 1Page - National Instruments Corporation NIPCI-6032E Datasheet HTML 2Page - National Instruments Corporation NIPCI-6032E Datasheet HTML 3Page - National Instruments Corporation NIPCI-6032E Datasheet HTML 4Page - National Instruments Corporation NIPCI-6032E Datasheet HTML 5Page - National Instruments Corporation NIPCI-6032E Datasheet HTML 6Page - National Instruments Corporation NIPCI-6032E Datasheet HTML 7Page - National Instruments Corporation NIPCI-6032E Datasheet HTML 8Page - National Instruments Corporation NIPCI-6032E Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
12-Bit E Series Multifunction
DAQ Specifications
233
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
These specifications are typical for 25 °C unless otherwise noted.
Analog Input
Accuracy specifications ................................... See page 228.
Input Characteristics
Resolution......................................................... 12 bits, 1 in 4,096
Input coupling................................................... DC
Maximum working voltage
(signal + common mode) ........................... Input should remain within ±11 V of ground
Data transfers
PCI, PXI, DAQPad for FireWire .................. DMA, interrupts, programmed I/O
DAQCard, DAQPad for USB....................... Interrupts, programmed I/O
DMA modes
PCI, PXI, DAQPad for FireWire .................. Scatter-gather (single-transfer, demand transfer)
Configuration memory size .............................. 512 words
Transfer Characteristics
No missing codes............................................. 12 bits, guaranteed
Specifications – NI 607xE, NI 6062E, NI 6040E, NI 602xE
Number of Channels
6070E
16 single-ended or 8 differential
6062E
(software selectable per channel)
6040E
602xE
6071E
64 single-ended or 32 differential
(software selectable per channel)
Maximum Sampling Rate
607xE
1.25 MS/s
6062E
500 kS/s
6040E
500 kS/s single-channel scanning
250 kS/s multichannel scanning
6023E
200 kS/s
6024E
6025E
6020E
100 kS/s
Input Signal Ranges
Device
Range (Software Selectable)
Bipolar Input Range
Unipolar Input Range
607xE
20 V
±10 V
6062E
10 V
±5 V
0 to 10 V
6040E
5 V
±2.5 V
0 to 5 V
6020E
2 V
±1 V
0 to 2 V
1 V
±500 mV
0 to 1 V
500 mV
±250 mV
0 to 500 mV
200 mV
±100 mV
0 to 200 mV
100 mV
±50 mV
0 to 100 mV
6023E
20 V
±10 V
6024E
10 V
±5 V
6025E
1 V
±500 mV
100 mV
±50 mV
Overvoltage Protection
Device
Powered On
Powered Off
607xE
±25 V
±15 V
6062E
6040E
6023E
±40 V
±25 V
6024E
6025E
6020E
±35 V
±25 V
Inputs Protected
6070E
AI <0..15>, AI SENSE
6062E, 6040E
602xE
6071E
AI <0..63>, AI SENSE, AI SENSE2
FIFO Buffer Size
DAQCard-6062E
8,192 samples
DAQPad-6020E
4,096 samples
DAQPad-6070E
2,048 samples
DAQCard-6024E
PCI/PXI-6070E
512 samples
6071E, 6040E
PCI-6023E, NI 6025E, PCI-6024E
Relative Accuracy
Device
Typical Dithered
Maximum Undithered
607xE
±0.5 LSB
±1.5 LSB
6062E
6040E
6023E
6024E
6025E
6020E
±0.2 LSB
±1.5 LSB
DNL
Device
Typical
Maximum
607xE
±0.5 LSB
±1.0 LSB
6040E
6023E
PCI-6024E
6025E
6020E
±0.2 LSB
±1.0 LSB
6062E
±0.75 LSB
-0.9, +1.5 LSB
DAQCard-6024E


Similar Part No. - NIPCI-6032E

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-6110 NI-NIPCI-6110 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPCI-6111 NI-NIPCI-6111 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPCI-6115 NI-NIPCI-6115 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPCI-6120 NI-NIPCI-6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPCI-6122 NI-NIPCI-6122 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
More results

Similar Description - NIPCI-6032E

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
   Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
logo
List of Unclassifed Man...
DAQ-2200 ETC2-DAQ-2200 Datasheet
357Kb / 2P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
Adlink Technology Inc.
PXI-2204 ADLINK-PXI-2204 Datasheet
208Kb / 1P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712_15 Datasheet
204Kb / 1P
   1 MS/s, 12-bit, 16-ch PCI Multifunction DAQ Card
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com