Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-1210UYGC Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-1210UYGC
Description  SMD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-1210UYGC Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-1210UYGC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210UYGC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210UYGC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210UYGC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210UYGC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD
Unit:mm
sb
sb
L1
Desiccant
Antistatic
Bag
Zip-lock
Desiccant
Spec.
Spec.
Spec.
203.0.
198.0
P A
R T
N O
.
Q '
T Y
( p
c s
)
Box Dimension(cm):30 * 19* 11.5
10 Reels per box
C/NO
G .
W
N .
W
M E
A S
: 3
8 *
3 1
* 3
8 C
M
K G
S
K G
S
CARTON
Dimension(cm):39*32*38
6boxs/carton
0603B/0603/0805:
4000pcs*10Reels*6boxs
0805B/1206B/12061210/1204:
3000pcs*10Reels*6boxs*
3528:2000pcs*10Reels*6boxs
5050:1000pcs*8Reels*6boxs
Packing and Shipping Spec.
Packing and Shipping Spec.
Packing and Shipping Spec.
Packing and Shipping Spec.


Similar Part No. - FYLS-1210UYGC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-1210UYUGC FORYARD-FYLS-1210UYUGC Datasheet
429Kb / 8P
   SMD led lamp
More results

Similar Description - FYLS-1210UYGC

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
WEJT285W-2B1F-2D3 WINNERJOIN-WEJT285W-2B1F-2D3 Datasheet
561Kb / 10P
   SMD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com