Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NI6071E Datasheet(PDF) 11 Page - National Instruments Corporation

Part # NI6071E
Description  Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI6071E Datasheet(HTML) 11 Page - National Instruments Corporation

Back Button NI6071E Datasheet HTML 3Page - National Instruments Corporation NI6071E Datasheet HTML 4Page - National Instruments Corporation NI6071E Datasheet HTML 5Page - National Instruments Corporation NI6071E Datasheet HTML 6Page - National Instruments Corporation NI6071E Datasheet HTML 7Page - National Instruments Corporation NI6071E Datasheet HTML 8Page - National Instruments Corporation NI6071E Datasheet HTML 9Page - National Instruments Corporation NI6071E Datasheet HTML 10Page - National Instruments Corporation NI6071E Datasheet HTML 11Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Multifunction DAQ Cable and
Accessory Selection Guides
213
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
E Series Devices (NI 6031E, NI 6033E, NI 6071E, NI 6025E)
Figure 3. I/O Connector for 16-Channel
E Series and Basic Multifunction DAQ
Devices, except NI 6025E
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
23
21
22
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
+5 V
+5 V
F OUT
CTR 0 OUT
PFI 9/CTR 0 GATE
D GND
PFI 6/AO START
PFI 5/AO SAMP
D GND
D GND
PFI 1/REF TRIG
PFI 0/AI START
D GND
D GND
D GND
P0.6
P0.1
D GND
P0.4
EXT REF
AO 0
AO 0
NC
NC
NC
NC
NC
NC
AI 3 GND
AI 3+
AI 2-
AI 1 GND
AI 1+
AI 0-
D GND
PFI 8/CTR 0 SRC
PFI 7/AI SAMP
CTR 1 OUT
PFI 4/CTR1 GATE
PFI 3/CTR 1 SRC
PFI 2/AI CONV
D GND
D GND
D GND
EXT STROBE
AI HOLD
P0.3
P0.7
P0.2
D GND
P0.5
P0.0
D GND
AO GND
AO GND
NC
NC
NC
NC
NC
NC
NC
AI 3-
AI 2 GND
AI 2+
AI 1-
AI 0 GND
AI 0+
1No connects for boards that do not support AO
or use an external reference with the SH1006868 cable.
F OUT
CTR 0 OUT
PFI 9/CTR 0 GATE
DGND
PFI 6/AO START
PFI 5/AO SAMP
D GND
+5 V
D GND
PFI 1/REF TRIG
PFI 0/AI START
D GND
D GND
+5 V
D GND
P0.6
P0.1
D GND
P0.4
EXT REF
1
AO 1
1
AO 0
1
ACH15
AIGND
ACH6
ACH13
AI GND
AI 4
AI GND
AI 3
AI 10
AI GND
AI 1
AI 8
D GND
PFI 8/CTR 0 SRC
PFI 7/AI SAMP
CTR 1 OUT
PFI 4/AI CTR 1 GATE
PFI 3/AI CTR 1 SRC
PFI 2/AI CONV
D GND
D GND
D GND
EXT STROBE
AI HOLD
P0.3
P0.7
P0.2
D GND
P0.5
P0.0
D GND
AO GND
AO GND
AI GND
AI 7
AI 14
AI GND
AI 5
AI 12
AI SENSE
AI 11
AI GND
AI 2
AI 9
AI GND
AI 0
1
35
2
36
3
37
4
38
5
39
6
40
7
41
8
42
9
43
10
44
11
45
12
46
13
47
14
48
15
49
16
50
17
51
18
52
19
53
20
54
21
55
22
56
23
57
24
58
25
59
26
60
27
61
28
62
29
63
30
64
31
65
32
66
33
67
34
68
AI GND
AI GND
AI 0
AI 8
AI 1
AI 9
AI 2
AI 10
AI 3
AI 11
AI 4
AI 12
AI 5
AI 13
AI 6
AI 14
AI 7
AI 15
AI SENSE
AO 0
AO 1
NC
AO GND
D GND
P0.0
P0.4
P0.1
P0.5
P0.2
P0.6
P0.3
P0.7
D GND
+5 V
+5 V
AI HOLD
EXT STROBE
PFI 0/AI START
PFI 1/REF TRIG
PFI 2/AI CONV
PFI 3/CTR 1 SRC
PFI 4/CTR 1 GATE
CTR 1 OUT
PFI 5/AO SAMP
PFI 6/AO START
PFI 7/AI SAMP
PFI 8/CTR 0 SRC
PFI 9/CTR 0 GATE
CTR 0 OUT
F OUT
P2.7
GND
P2.6
GND
P2.5
GND
P2.4
GND
P2.3
GND
P2.2
GND
P2.1
GND
P2.0
GND
P1.7
GND
P1.6
GND
P1.5
GND
P1.4
GND
P1.3
GND
P1.2
GND
P1.1
GND
P1.0
GND
P0.7
GND
P0.6
GND
P0.5
GND
P0.4
GND
P0.3
GND
P0.2
GND
P0.1
GND
P0.0
GND
+5 V
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
AI GND
AI GND
AI 0
AI 8
AI 1
AI 9
AI 2
AI 10
AI 3
AI 11
AI 4
AI 12
AI 5
AI 13
AI 6
AI 14
AI 7
AI 15
AI SENSE
AO 0
AO 1
EXT REF
AO GND
D GND
P0.0
P0.4
P0.1
P0.5
P0.2
P0.6
P0.3
P0.7
D GND
+5 V
+5 V
AI HOLD
EXT STROBE
PFI 0/AI START
PFI 1/REF TRIG
PFI 2/AI CONV
PFI 3/CTR 1 SRC
PFI 4/CTR 1 GATE
CTR 1 OUT
PFI 5/AO SAMP
PFI 6/AO START
PFI 7/AI SAMP
PFI 8/CTR 0 SRC
PFI 9/CTR 0 GATE
CTR 0 OUT
F OUT
AI 16
AI 24
AI 17
AI 25
AI 18
AI 26
AI 19
AI 27
AI 20
AI 28
AI 21
AI 29
AI 22
AI 30
AI 23
AI 31
AI 32
AI 40
AI 33
AI 41
AI 34
AI 42
AI 35
AI 43
AI SENSE 2
AI GND
AI 36
AI 44
AI 37
AI 45
AI 38
AI 46
AI 39
AI 47
AI 48
AI 56
AI 49
AI 57
AI 50
AI 58
AI 51
AI 59
AI 52
AI 60
AI 53
AI 61
AI 54
AI 62
AI 55
AI 63
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
Figure 2. S Series Devices Connector
Figure 4. I/O Connector for
64-Channel E Series Devices
Figure 5. I/O Connector for
the NI 6025E Device
Table 2. Cable Connection Specifications for 64-Channel E Series Devices and the NI 6025E
Platform
Shielding
Connect to ...
Cable
Cable Leg
Adapter
Accessory
PCI, PXI
Shielded
Screw terminals
SH100100
SCB-100
Shielded
Screw terminals
SH1006868
MIO:
SCB-68
Shielded
SH1006868
Extended:
SCB-68
Shielded
Screw terminals1
SH1006868
MIO:
TBX-68, CB-68LP, CB-68LPR,
DAQ signal accessory
Shielded
Screw terminals1
SH1006868
Extended:
TBX-68, CB-68LP, CB-68LPR
Shielded
BNC terminal block
SH1006868
MIO:
BNC-2110, BNC-2120, BNC-2090
Shielded
SH1006868
Extended:
BNC-2115
Shielded
50-pin connectors
SH1006868
MIO:
68M-50F MIO
Custom or 3rd party
Shielded
SH1006868
Extended:
68M-50F Extended
Custom or 3rd party
Unshielded
50-pin connector
R1005050
MIO:
Custom or 3rd party
Unshielded
R1005050
Extended:
Custom or 3rd party
1Shielded cable with unshielded accessories


Similar Part No. - NI6071E

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
NI60 OMEGA-NI60 Datasheet
146Kb / 1P
   Resistance Heating Wire Nickel-Chromium Alloy
logo
Turck, Inc.
NI60-K90-AZ3X-B2131 TURCK-NI60-K90-AZ3X-B2131 Datasheet
239Kb / 2P
   Inductive Sensor
11/07/2023
NI60-K90-RZ3X-B2131 TURCK-NI60-K90-RZ3X-B2131 Datasheet
240Kb / 2P
   Inductive Sensor
11/07/2023
NI60-K90-VN4X-B2141 TURCK-NI60-K90-VN4X-B2141 Datasheet
227Kb / 2P
   Inductive Sensor
11/07/2023
NI60-K90-VP4X-B2141 TURCK-NI60-K90-VP4X-B2141 Datasheet
224Kb / 2P
   Inductive Sensor
11/07/2023
More results

Similar Description - NI6071E

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
   Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
logo
List of Unclassifed Man...
DAQ-2200 ETC2-DAQ-2200 Datasheet
357Kb / 2P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
Adlink Technology Inc.
PXI-2204 ADLINK-PXI-2204 Datasheet
208Kb / 1P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712_15 Datasheet
204Kb / 1P
   1 MS/s, 12-bit, 16-ch PCI Multifunction DAQ Card
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com