Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-1210HR Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-1210HR
Description  SMD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-1210HR Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-1210HR Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210HR Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210HR Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210HR Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210HR Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD
FYL
FYL
FYL
FYLS
S
S
S ---- 12
12
12
1210
10
10
10HR
HR
HR
HR/YG
/YG
/YG
/YGC
C
C
C
Radiation pattern.
Features:
Compatible with automatic placement equipment
Compatible with reflow solder process.
Applications:
Automotive-Telecommumication
Indicators
Lcd Back-lights
Illuminations
Descriptions:
Dice material:
R:AlGaAs.
G:AlGaAs.
Emitting Color:
R:Red.
G:Green
Lens Color: Water clear.
Absolute maximun ratings(
Absolute maximun ratings(
Absolute maximun ratings(
Absolute maximun ratings(Ta=25
Ta=25
Ta=25
Ta=25゜
゜с)
с)
с)
с)
Parameter
Parameter
Parameter
Parameter
MAX.
MAX.
MAX.
MAX.
Unit
Unit
Unit
Unit
Power Dissipation
50
mW
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse
Width)
100
mA
Continuous Forward Current
30
mA
Derating Linear From 25℃
0.4
mA/
Operating Temperature Range
----3
3
3
30
0
0
0
tttto
o
o
o +
+
+
+8
8
8
80
0
0
0
Storage Temperature Range
----4
4
4
40
0
0
0
tttto
o
o
o +
+
+
+
85
85
85
85℃
Electrical and optical characteristics(Ta=25
Electrical and optical characteristics(Ta=25
Electrical and optical characteristics(Ta=25
Electrical and optical characteristics(Ta=25゜
゜с)
с)
с)
с)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
R
--
28
--
Luminous Intensity
IV
G
--
15
--
mcd
Viewing Angle
2θ1/2
120
130
140
Deg
R
655
660
665
Peak Emission
Wavelength
λp
G
565
570
575
nm
R
635
640
645
Dominant Wavelength
λd
G
566
571
576
nm
Spectral Line Half-Width
λ
25
30
35
nm
R
--
2.1
2.4
Forward Voltage
VF
G
--
2.2
2.4
V
IF=20mA
Reverse Current
IR
10
A
VR=5V
Relative Lumionous Intensity(LOP @max=1)


Similar Part No. - FYLS-1210HR

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-1210RGBC FORYARD-FYLS-1210RGBC Datasheet
433Kb / 8P
   SMD led lamp
FYLS-1210SR FORYARD-FYLS-1210SR Datasheet
163Kb / 5P
   SMD
FYLS-1210SR/YGC FORYARD-FYLS-1210SR/YGC Datasheet
163Kb / 5P
   SMD
FYLS-1210UBC FORYARD-FYLS-1210UBC Datasheet
165Kb / 5P
   SMD
FYLS-1210UHY FORYARD-FYLS-1210UHY Datasheet
166Kb / 5P
   SMD
More results

Similar Description - FYLS-1210HR

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
WEJT285W-2B1F-2D3 WINNERJOIN-WEJT285W-2B1F-2D3 Datasheet
561Kb / 10P
   SMD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com