Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP525G-EK Datasheet(PDF) 2 Page - Seme LAB

Part # SMP525G-EK
Description  P.I.N. PHOTODIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMP525G-EK Datasheet(HTML) 2 Page - Seme LAB

  SMP525G-EK Datasheet HTML 1Page - Seme LAB SMP525G-EK Datasheet HTML 2Page - Seme LAB SMP525G-EK Datasheet HTML 3Page - Seme LAB SMP525G-EK Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMP525G-EK
Prelim. 1/98
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Characteristic
Test Conditions.
Min.
Typ.
Max.
Units
Responsively
Active Area
Dark Current
Breakdown Voltage
Capacitance
Rise Time
NEP
λ at 900nm
E = 0 Dark
1V Reverse
E = 0 Dark
10V Reverse
E = 0 Dark
10µA Reverse
E = 0 Dark
0V Reverse
E = 0 Dark
20V Reverse
30V Reverse
50
900nm
0.45
0.55
2.05
0.25
4
4
10
60
80
45
6
0.45
A/W
mm2
nA
V
pF
ns
W/
√Hz
CHARACTERISTICS (Tamb=25°C unless otherwise stated)
Spectral Response
0
20
40
60
80
100
0
200
400
600
800
1000
1200
Wavelength (nm)


Similar Part No. - SMP525G-EK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP525G-EJ SEME-LAB-SMP525G-EJ Datasheet
75Kb / 4P
   P.I.N. PHOTODIODE
SMP525G-EL SEME-LAB-SMP525G-EL Datasheet
81Kb / 4P
   P.I.N. PHOTODIODE
SMP525G-EM SEME-LAB-SMP525G-EM Datasheet
81Kb / 4P
   P.I.N. PHOTODIODE
More results

Similar Description - SMP525G-EK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP600G-EN SEME-LAB-SMP600G-EN Datasheet
25Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X3 SEME-LAB-SMP550G-X3 Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP600G-EM SEME-LAB-SMP600G-EM Datasheet
69Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-X1 SEME-LAB-SMP400G-X1 Datasheet
52Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-FJ SEME-LAB-SMP525G-FJ Datasheet
77Kb / 4P
   P.I.N. PHOTODIODE
SMP525G-FM SEME-LAB-SMP525G-FM Datasheet
82Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-FL SEME-LAB-SMP550G-FL Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-FM SEME-LAB-SMP550G-FM Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X2 SEME-LAB-SMP550G-X2 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X4 SEME-LAB-SMP550G-X4 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com