Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NI7831R Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NI7831R
Description  R Series Intelligent DAQ-Data Acquisition and Control with Onboard Processing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI7831R Datasheet(HTML) 4 Page - National Instruments Corporation

  NI7831R Datasheet HTML 1Page - National Instruments Corporation NI7831R Datasheet HTML 2Page - National Instruments Corporation NI7831R Datasheet HTML 3Page - National Instruments Corporation NI7831R Datasheet HTML 4Page - National Instruments Corporation NI7831R Datasheet HTML 5Page - National Instruments Corporation NI7831R Datasheet HTML 6Page - National Instruments Corporation NI7831R Datasheet HTML 7Page - National Instruments Corporation NI7831R Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Specifications
Analog Input (NI 783xR/784xR/785xR Only)
Input Characteristics
Number of channels
NI 7830R .........................................
4
NI 7831R/7833R/784xR/785xR ......
8
Input modes ........................................
DIFF, RSE, NRSE
(software-selectable; selection
applies to all channels)
Type of ADC ........................................
Successive approximation
Resolution ...........................................
16 bits, 1 in 65,536
Conversion time
NI 783xR/NI 784xR .........................
4 µs
NI 785xR .........................................
1 µs
Maximum sampling rate
NI 783xR/NI 784xR .........................
200 kS/s (per channel)
NI 785xR .........................................
750 kS/s (per channel)
Input impedance
Powered on.....................................
10 GΩ in parallel with 100 pF
Powered off/overload.....................
4.0 kΩ min
Input signal range ...............................
±10 V
Input bias current
NI 783xR .........................................
±2 nA
NI 784xR/785xR..............................
±5 nA
Input offset current
NI 783xR .........................................
±1 nA
NI 784xR/785xR..............................
±5 nA
Input coupling .....................................
DC
Maximum working voltage
(signal + common mode) ............
Inputs should remain
within ±12 V of ground
Overvoltage protection
Powered on ................................
±42 V
Powered off ................................
±35 V
Data transfers .....................................
DMA, interrupts, programmed I/O
Accuracy Information – NI 783xR
Accuracy Information – NI 784xR/785xR
DC Transfer Characteristics
INL
NI 783xR .........................................
±3 LSB typ, ±6 LSB max
NI 784xR/785xR..............................
±1 LSB typ, ±3 LSB max
DNL
NI 783xR .........................................
-1.0 to +2.0 LSB max
NI 784xR/785xR..............................
±0.4 LSB typ, ±0.9 LSB max
No missing codes
NI 783xR .........................................
16 bits typ, 15 bits min
NI 784xR/785xR..............................
16 bits guaranteed
CMRR, DC to 60 Hz.............................
-86 dB
Settling Time
Crosstalk..............................................
-80 dB, DC to 100 kHz
Dynamic Characteristics
Bandwidth
NI 783xR
Small signal (-3 dB) ....................
650 kHz
Large signal (1% THD) ...............
55 kHz
NI 784xR/785xR
Small signal (-3 dB) ....................
1 MHz
Large signal (1% THD) ...............
500 kHz
Analog Output (NI 783xR/784xR/785xR Only)
Output Characteristics
Number of channels
NI 7830R .........................................
4
NI 7831R/7833R/784xR/785xR ......
8
Output type .........................................
Single-ended, voltage output
Resolution ...........................................
16 bits, 1 in 65,536
Update time ........................................
1.0 µs
Maximum update rate ........................
1 MS/s
Type of DAC ........................................
Enhanced R-2R
Data transfers .....................................
DMA, interrupts,
programmed I/O
R Series Intelligent DAQ –
Data Acquisition and Control with Onboard Processing
4
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Nominal
Range (V)
Absolute Accuracy
Relative Accuracy
% of Reading
Offset
(µV)
Noise +
Quantization
Temp
Drift
(%/°C)
Absolute
Accuracy
at Full
Scale
(±mV)
Resolution (µV)
Positive
Full
Scale
Negative
Full
Scale
24
Hours 1 Year
Single
Point Averaged
Single
Point Averaged
10.0
-10.0
0.0496 0.0507 2,542 1779
165
0.0005
7.78
2,170
217
Note: Accuracies are valid for measurements following an internal calibration. Averaged numbers
assume dithering and averaging of 100 single-channel readings. Measurement accuracies are listed for
operational temperatures within ±1 °C of internal calibration temperature and ±10 °C of external or
factory-calibration temperature.
Device
Step Size
Accuracy
16 LSB
4 LSB
2 LSB
NI 783xR
±20.0 V
7.5 µs
10.3 µs
40 µs
±2.0 V
2.7 µs
4.1 µs
5.1 µs
±0.2 V
1.7 µs
2.9 µs
3.6 µs
NI 784xR/
785xR
±20.0 V
2.1 µs
4.2 µs
8 µs
±2.0 V
1.3 µs
1.6 µs
1.8 µs
±0.2 V
0.8 µs
1.1 µs
1.2 µs
Nominal
Range (V)
Absolute Accuracy
Relative Accuracy
% of Reading
Offset
(µV)
Noise +
Quantization
Temp
Drift
(%/°C)
Absolute
Accuracy
at Full
Scale
(±mV)
Resolution (µV)
Positive
Full
Scale
Negative
Full
Scale
24
Hours 1 Year
Single
Point Averaged
Single
Point Averaged
10.0
-10.0
0.0186 0.0228 1,591 1,029
91.6
0.0005
3.97
1,205
121
Note: Accuracies are valid for measurements following an internal calibration. Averaged numbers
assume dithering and averaging of 100 single-channel readings. Measurement accuracies are listed for
operational temperatures within ±1 °C of internal calibration temperature and ±10 °C of external or
factory-calibration temperature.


Similar Part No. - NI7831R

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI7831R NI-NI7831R Datasheet
377Kb / 17P
   NI R Series Multifunction RIO
More results

Similar Description - NI7831R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7557-01 HAMAMATSU-C7557-01_15 Datasheet
1Mb / 7P
   For control of multichannel detector head and data acquisition
C7557-01 HAMAMATSU-C7557-01 Datasheet
552Kb / 7P
   For control of multichannel detector head and data acquisition
logo
Toshiba Semiconductor
TLP206A TOSHIBA-TLP206A_14 Datasheet
406Kb / 6P
   Measurement Instrument Data Acquisition Programmable Control
logo
Broadcom Corporation.
AFBR-S20M2XX BOARDCOM-AFBR-S20M2XX Datasheet
267Kb / 2P
   Miniature Spectrometer with Onboard Processing for Mobile Applications and Industrial Integration
logo
Toshiba Semiconductor
TLP206A TOSHIBA-TLP206A Datasheet
271Kb / 6P
   MEASUREMENT INSTRUMENT DATA ACQUISITION PROGRAMMABLE CONTROL
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
logo
Toshiba Semiconductor
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
logo
PHOENIX CONTACT
2403042 PHOENIX-2403042 Datasheet
54Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com