Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPCI-6713 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NIPCI-6713
Description  High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6713 Datasheet(HTML) 3 Page - National Instruments Corporation

  NIPCI-6713 Datasheet HTML 1Page - National Instruments Corporation NIPCI-6713 Datasheet HTML 2Page - National Instruments Corporation NIPCI-6713 Datasheet HTML 3Page - National Instruments Corporation NIPCI-6713 Datasheet HTML 4Page - National Instruments Corporation NIPCI-6713 Datasheet HTML 5Page - National Instruments Corporation NIPCI-6713 Datasheet HTML 6Page - National Instruments Corporation NIPCI-6713 Datasheet HTML 7Page - National Instruments Corporation NIPCI-6713 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
High-Speed Voltage Output – up to 1 MS/s/Channel, up to 16 Bits, up to 32 Channels
3
BUY ONLINE at ni.com or CALL (800) 813 3693 (U.S.)
Figure 3. NI 671x and NI 673x Hardware Block Diagram
Figure 2. NI DAQCard-6715 Hardware Block Diagram
Timing
PFI / Trigger
Digital I/O (8)
EEPROM
Calibration
Mux
Calibration
ADC
Calibration
DACs
24
8
CH4
12-Bit DAC
CH4
Amp
CH5
12-Bit DAC
CH6
12-Bit DAC
CH7
12-Bit DAC
CH5
Amp
CH6
Amp
CH7
Amp
CH0
12-Bit DAC
CH0
Amp
CH1
12-Bit DAC
CH2
12-Bit DAC
CH3
12-Bit DAC
CH1
Amp
CH2
Amp
CH3
Amp
0.75 A
+5 V
Digital
Thermometer
CIS
EEPROM
DAQ-STC
Analog Output
Timing/Control
Analog Input
Timing/Control
Digital I/O
Trigger
Counter/
Timing I/O
RTSI Bus
Interface
IRQ
Bus
Interface
DAC
FIFO
DAC
Control
AO
Control
FIFO
Data In
Bus
Interface
FPGA
Calibration
Control
DAQ-STC
Interface
Bus
Interface
Control/Data
CONFIG
EEPROM
Data
Address/Control
Timing
PFI / Trigger
RTSI Bus
Digital I/O (8)
EEPROM
Calibration
Mux
Calibration
ADC
Calibration
DACs
24
8
DAQ - STC
Analog Output
Timing/Control
Analog Input
Timing/Control
Digital I/O
Trigger
Counter/
Timing I/O
RTSI Bus
Interface
DMA/IRQ
Bus
Interface
Address/Data
Control
EEPROM
Control
AO
Control
Calibration
Control
DMA/
IRQ
Register
Decode
FPGA
DAQ-STC
Bus
Interface
Mini
MITE
Generic
Bus
Interface
PCI
Bus
Interface
IRQ
DMA
CH3/7
Latch
CH3/7
DAC
FIFO
CH3/7
Amp
Data
AO Control
CH0
Latch
CH0
CH0
Amp
CH1
Amp
1A
+5 V
Note: CH4 through CH7 are found on 6713 and 6733 only
CH1
CH1
Latch
Data


Similar Part No. - NIPCI-6713

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-6703 NI-NIPCI-6703 Datasheet
349Kb / 4P
   Software-Timed Analog Output-16-Bit, 16 or 32 Channels
NIPCI-6704 NI-NIPCI-6704 Datasheet
349Kb / 4P
   Software-Timed Analog Output-16-Bit, 16 or 32 Channels
More results

Similar Description - NIPCI-6713

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777740-01 NI-777740-01 Datasheet
446Kb / 8P
   High-Speed Voltage Output- up to 1 MS/s/Channel, up to 16-Bit, up to 32 Channels
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
   Up to 16 ADC input channels
logo
Lowpower Semiconductor ...
LP6250 POWER-LP6250 Datasheet
399Kb / 8P
   2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
   High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com