Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-1206BUYC Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-1206BUYC
Description  SMD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-1206BUYC Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-1206BUYC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1206BUYC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1206BUYC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1206BUYC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1206BUYC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD
1.6
0.8
Cathode Mark
LED Die
0.5
1.1
PCB
Resin
0.6
0.6
Soldering
Terminal
1.5
1.5
2.0
10°
R0.45
Cathode
D0
P2
P0
D1
P1
A0
A'
A'
K0
t
SEC:A-A'
E
13.5±0.2
9±0.1
12±0.15
Pack
Pack
Pack
Package Dimensions of Device
age Dimensions of Device
age Dimensions of Device
age Dimensions of Device
Tape Specification:3000pcs Per Reel.
Tape Specification:3000pcs Per Reel.
Tape Specification:3000pcs Per Reel.
Tape Specification:3000pcs Per Reel.
Packing Size
Item
W
P1
E
F
D0
D1
P0
Unit
Spec.
8.00
4.00
1.75
3.50
1.50
1.00
4.00
mm
Tolerance
±0.20
±0.10
±0.10
±0.05
+0.1/-0
±0.05
±0.05
mm
Item
10P0
P2
A0
B0
K0
T
Unit
Spec.
40.00
2.00
1.85
3.45
1.52
0.22
mm
Tolerance
±0.20
±0.05
±0.10
±0.10
±0.10
±0.05
mm
Package Dimensions of Reel:
Package Dimensions of Reel:
Package Dimensions of Reel:
Package Dimensions of Reel:
Unit:mm
Unit:mm


Similar Part No. - FYLS-1206BUYC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-1206BUYC FORYARD-FYLS-1206BUYC_15 Datasheet
468Kb / 8P
   SMD led lamp
More results

Similar Description - FYLS-1206BUYC

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
WEJT285W-2B1F-2D3 WINNERJOIN-WEJT285W-2B1F-2D3 Datasheet
561Kb / 10P
   SMD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com