Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPCI-6703 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPCI-6703
Description  Software-Timed Analog Output-16-Bit, 16 or 32 Channels
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6703 Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPCI-6703 Datasheet HTML 1Page - National Instruments Corporation NIPCI-6703 Datasheet HTML 2Page - National Instruments Corporation NIPCI-6703 Datasheet HTML 3Page - National Instruments Corporation NIPCI-6703 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Software-Timed Analog Output –
16-Bit, 16 or 32 Channels
2 National Instruments • Tel: (800) 813 3693 • info@ni.com • ni.com
PCI
NI PCI-6704 ..................................................................777306-01
NI PCI-6703 ..................................................................778316-01
PXI
NI PXI-6704 ..................................................................777796-01
Includes data acquisition driver software.
BUY NOW!
For complete product specifications, pricing, and accessory
information, call (800) 813 3693 (U.S. only) or go to
ni.com/dataacquisition
.
Ordering Information
Control
Address
Data
Control/Lines
nvRAM/
DAC
Control
Digital
I/O
Serial
Number
EEPROM
Temperature
Sensor
Bus
Interface
Logic
16-Bit
DAC
nvSRAM
RAM
Addr/Ctrl
RAM Data
DIO Lines<7..0>
DAC
Out
Main
Voltage
Circuit
Main
Current
Circuit
Voltage
Output
Circuit X16
Current
Output
CircuitX16
Self-Resetting Circuit Breaker
.75 A
+5 V
16
16
6704 Only
Figure 1. NI 670x Hardware Block Diagram
Analog Output
Output Characteristics
Resolution......................................................... 16 bits, 1 in 65,536
Type of DAC...................................................... Enhanced R-2R
Data transfers .................................................. Programmed I/O
Voltage Output
Ranges.............................................................. ±10.1 V
Output coupling ................................................ DC
Power-on state ................................................. Independent, user-defined
Current Output (NI 6704 Only)
Range................................................................ 0.0; 0.1 to 20.2 mA
Type .................................................................. Source, does not require external excitation source
Output compliance ........................................... 0 to 10 V
Power-on state ................................................. Independent, user-defined
Digital I/O
Digital logic levels
Number of channels......................................... 8 input/output
Compatibility .................................................... 5 V TTL/CMOS
Power-on state ................................................. Input (high impedance)
Bus Interface
PCI, PXI ............................................................. Slave
Physical
Dimensions (not including connectors)
PCI.............................................................. 17.5 by 10.7 cm (6.9 by 4.2 in.)
PXI.............................................................. 16.0 by 10.0 cm (6.3 by 3.9 in.)
I/O connector.................................................... 68-pin male SCSI II type
Specifications
Channels
Device
Voltage
Current
Total
NI 6703
16
0
16
NI 6704
16
16
32
Level
Minimum
Maximum
Input low voltage
0 V
0.8 V
Input high voltage
2 V
5 V
Output low voltage
0.45 V
(I
out = 16 mA)
Output high voltage
2.4 V
(I
out = 16 mA)
For more detailed specifications, please refer to the product manual.


Similar Part No. - NIPCI-6703

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-6711 NI-NIPCI-6711 Datasheet
337Kb / 8P
   High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
NIPCI-6713 NI-NIPCI-6713 Datasheet
337Kb / 8P
   High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
NIPCI-67221 NI-NIPCI-67221 Datasheet
337Kb / 8P
   High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
NIPCI-67231 NI-NIPCI-67231 Datasheet
337Kb / 8P
   High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
NIPCI-6731 NI-NIPCI-6731 Datasheet
337Kb / 8P
   High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
More results

Similar Description - NIPCI-6703

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCIE-1824 ADVANTECH-PCIE-1824 Datasheet
433Kb / 1P
   16-bit ,32/16-ch Analog Output PCI Express Card
15-Jan-2020
logo
List of Unclassifed Man...
CPCI-6208 ETC2-CPCI-6208 Datasheet
654Kb / 1P
   8/16-CH 16-Bit Analog Output Cards
logo
IK Semicon Co., Ltd
IK2816 IKSEMICON-IK2816 Datasheet
389Kb / 12P
   16 constant-current output channels
logo
Maxim Integrated Produc...
MAX5134 MAXIM-MAX5134_10 Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
MAX5134 MAXIM-MAX5134 Datasheet
372Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 1; 10/08
logo
Macronix International
MX23L1622 MCNIX-MX23L1622 Datasheet
43Kb / 6P
   16M-BIT MASK ROM (16/32 BIT OUTPUT)
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
   32M-BIT MASK ROM (16/32 BIT OUTPUT)
logo
List of Unclassifed Man...
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
   16 Channels of Isolated 16 bit A/D Conversion
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT91M40400 ATMEL-AT91M40400 Datasheet
50Kb / 7P
   16/32-Bit Microcontroller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com