Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA3242 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA3242
Description  Preamplifier for Compact Cassette Recorder Recording-only Use
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3242 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA3242 Datasheet HTML 2Page - Sanyo Semicon Device LA3242 Datasheet HTML 3Page - Sanyo Semicon Device LA3242 Datasheet HTML 4Page - Sanyo Semicon Device LA3242 Datasheet HTML 5Page - Sanyo Semicon Device LA3242 Datasheet HTML 6Page - Sanyo Semicon Device LA3242 Datasheet HTML 7Page - Sanyo Semicon Device LA3242 Datasheet HTML 8Page - Sanyo Semicon Device LA3242 Datasheet HTML 9Page - Sanyo Semicon Device LA3242 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IC usage Notes
(1) The base of a PNP transistor is connected to input pins 2 and 23.
When a voltage is applied to input pins 2 and 23 externally, connect a
capacitor to the input pins. The recommended value of capacitor C is
0.1 µF to 10 µF. DC voltage VINDC with input pins 2 and 23 open is
50 mV max (VINDC = 20 mV typ).
(2) Output waveform starting time (Refer to Data ts –Cr.)
When supply voltage VCC is switched ON, the amplifier output (pins 7 and 18) will rise. Output waveform ON time ts can be
varied by capacitor Cr connected to pin 12. The minimum value of Cr is 33 µF. If the value of Cr is made less than 33 µF, more
pop noise will occur and the ripple rejection will worsen at the time supply voltage VCC is switched ON. (ts = 0.7 s. typ at
Cr = 100 µF)
(3) Electronic switch control circuit
The control circuit for control pins 9 and 16 is configured as
shown left.
Control level VCONT of the control circuit is given by:
VCONT = 1/2 × (VCC – 0.9) [V]
(4) Relation between control voltage to turn ON/OFF electronic switch and supply voltage (Refer to Data VCONT –VCC.)
The control level at electronic switch CONT pin 9 and 16 is fixed
by supply voltage VCC. The threshold region has a range of
approximately 1 V. The middle point of threshold region at a
given value of supply voltage VCC is represented by approximately
1/2
× (V
CC – 0.9) V.
The electronic switch can be turned ON/OFF by applying a
voltage of the middle point voltage
±0.5 V or more/less,
respectively, to electronic switch CONT pins 9 and 16.
For the relation between supply voltage VCC and VINDC, refer to the VCC –VINDC characteristic.
Rise waveform at pin 7 or 18
Control
pin
. 4 µAmin
Electronic
SW ON
signal
Electronic SW OFF
Electronic SW ON
Threshold region (
. 1V)
LA3242
No.2620-6/12


Similar Part No. - LA3242

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3241 SANYO-LA3241 Datasheet
103Kb / 5P
   Preamp For Compact Cassette Recording-only Use
LA3246 SANYO-LA3246 Datasheet
441Kb / 13P
   Stereo Preamplifier for Compact Double Cassette Playback-only Use
More results

Similar Description - LA3242

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3241 SANYO-LA3241 Datasheet
103Kb / 5P
   Preamp For Compact Cassette Recording-only Use
LA3246 SANYO-LA3246 Datasheet
441Kb / 13P
   Stereo Preamplifier for Compact Double Cassette Playback-only Use
logo
Mitsubishi Electric Sem...
M51162 MITSUBISHI-M51162 Datasheet
449Kb / 7P
   RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER
logo
Toshiba Semiconductor
TA8189N TOSHIBA-TA8189N Datasheet
519Kb / 14P
   QUAD PREAMPLIFIER FOR DOUBLE CASSETTE TAPE RECORDER
logo
Sanyo Semicon Device
LA4165M SANYO-LA4165M Datasheet
409Kb / 16P
   Recording/Playback IC for Micro-Cassette Tape Recorder
logo
Rohm
BA3416BL ROHM-BA3416BL Datasheet
38Kb / 3P
   Double cassette tape recorder dual preamplifier
BA3426AS ROHM-BA3426AS Datasheet
299Kb / 12P
   Double cassette tape recorder system preamplifier
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
BA3423S ROHM-BA3423S Datasheet
417Kb / 18P
   Double cassette tape recorder system preamplifier
logo
STMicroelectronics
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
   SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com