Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1132CSM Datasheet(PDF) 1 Page - Seme LAB

Part No. 2N1132CSM
Description  HIGH SPEED MEDIUM POWER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo 

   
 1 page
background image
2N1132CSM
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be
both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab
encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 7518, ISSUE 1
MECHANICAL DATA
Dimensions in mm (inches)
ABSOLUTE MAXIMUM RATINGS
TCASE = 25°C unless otherwise stated
VCBO
Collector - Base Voltage
50V
VCEO
Collector - Emitter Voltage (IB = 0)
40V
VEBO
Emitter – Base Voltage (IC = 0)
5V
IC
Continuous Collector Current
600mA
PD
Total Power Dissipation at
TAmb = 25°C
400mW
Derate Above 25°C
2.7mW/°C
Tstg, TJ
Operating and Storage Temperature Range
-55 to +175°C
HIGH SPEED
MEDIUM POWER
PNP SWITCHING TRANSISTOR
FEATURES
• SILICON PNP TRANSISTOR.
• HIGH SPEED SWITCHING
• SCREENING OPTIONS AVAILABLE
LCC1 PACKAGE
Pad 1 - Base Pad 2 - Emitter Pad 3 - Collector
APPLICATIONS
• SMALL SIGNAL GENERAL PURPOSE
AND SWITCHING APPLICATIONS
2
1
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.40
(0.055)
max.
0.31
(0.012)
rad.
rad.
3
1.02 ± 0.10
(0.04 ± 0.004)




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl