Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6309BD2A Datasheet(PDF) 2 Page - Seme LAB

Part # 1N6309BD2A
Description  500mW ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N6309BD2A Datasheet(HTML) 2 Page - Seme LAB

  1N6309BD2A Datasheet HTML 1Page - Seme LAB 1N6309BD2A Datasheet HTML 2Page - Seme LAB 1N6309BD2A Datasheet HTML 3Page - Seme LAB 1N6309BD2A Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
500mW ZENER DIODES
1N6309BD2A TO 1N6340BD2A
Semelab
Semelab
Semelab
Semelab Limited
Limited
Limited
Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Document Number 9021
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Issue 2
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Max Zener
Impedance
Maximum
Reverse
Current
@
V
R
Type
Nominal
Zener
Voltage
@ I
Z2
(V
Z2
)
Minimum
Zener
Voltage
@ I
Z1
250
µA
(V
Z1
)
Test
Current
(I
Z2
)
@
IZ
2
(Z
Z
)
@
250
µA
(Z
ZK
)
(I
ZM
)
Voltage
Reg.
(2)
V
Z(reg)
Surge
Current
(I
ZSM)
(V
R)
@25°C
I
R1
@150°C
I
R2
Maximum
Noise
Density
N
D
Typical
(3)
Temp
Coefficient
α
αα
α
VZ
Volts
Volts
mA
mA
V
A
V
µA
µV/√Hz
%/°C
1N6309
2.4
1.1
20
30
1200
177
1.5
2.5
1.0
100
200
1.0
-0.085
1N6310
2.7
1.2
20
30
1300
157
1.5
2.2
1.0
60
150
1.0
-0.080
1N6311
3.0
1.3
20
29
1400
141
1.5
2
1.0
30
100
1.0
-0.075
1N6312
3.3
1.5
20
27
1400
128
1.6
1.8
1.0
5
20
1.0
-0.070
1N6313
3.6
1.8
20
25
1400
117
1.6
1.65
1.0
3
12
1.0
-0.065
1N6314
3.9
2
20
23
1700
108
1.6
1.5
1.0
2
12
1.0
-.060
1N6315
4.3
2.4
20
20
1700
99
0.9
1.4
1.0
2
12
1.0
-0.045
+0.020
1N6316
4.7
2.8
20
17
1500
90
0.5
1.27
1.5
5
12
1.0
-.028
+0.032
1N6317
5.1
3.3
20
14
1300
83
0.4
1.17
2
5
12
1.0
-0.020
+0.035
1N6318
5.6
4.3
20
8
1200
76
0.4
1.1
2.5
5
10
2
+0.050
1N6319
6.2
5.2
20
3
800
68
0.3
0.97
3.5
5
10
5
+0.060
1N6320
6.8
6.0
20
3
400
63
0.35
1.23
4
2
50
5
+0.062
1N6321
7.5
6.6
20
4
400
57
0.4
1.16
5
2
30
5
+0.068
1N6322
8.2
7.5
20
5
400
52
0.4
1.07
6
1.0
10
20
+0.075
1N6323
9.1
8.4
20
6
500
47
0.5
0.97
7
1.0
10
40
+0.076
1N6324
10
9.1
20
6
500
43
0.5
0.89
8
1.0
10
80
+0.079
1N6325
11
10
20
7
550
39
0.5
0.83
8.5
1.0
10
100
+0.082
1N6326
12
11
20
7
550
35
0.55
0.77
9
1.0
10
100
+0.083
1N6327
13
11.9
9.5
8
550
33
0.55
0.71
9.9
0.05
10
100
+0.083
1N6328
15
13.8
8.5
10
600
28
0.7
0.62
11
0.05
10
100
+0.084
1N6329
16
14.7
7.8
12
600
27
0.75
0.58
12
0.05
10
100
+0.084
1N6330
18
16.6
7
14
600
24
0.85
0.52
14
0.05
10
100
+0.085
1N6331
20
18.5
6.2
18
500
21
0.95
0.47
15
0.05
10
100
+0.086
1N6332
22
20.4
5.6
20
500
19
1.05
0.43
17
0.05
10
100
+0.087
1N6333
24
22.3
5.2
24
500
18
1.15
0.39
18
0.05
10
100
+0.088
1N6334
27
25.2
4.6
27
500
16
1.3
0.35
21
0.05
10
100
+0.090
1N6335
30
28
4.2
32
500
14
1.45
0.31
23
0.05
10
100
+0.091
1N6336
33
30.9
3.8
40
600
13
1.6
0.28
25
0.05
10
100
+0.092
1N6337
36
33.7
3.4
50
600
12
1.75
0.26
27
0.05
10
100
+0.093
1N6338
39
36.6
3.2
55
700
11
1.9
0.24
30
0.05
10
100
+0.094
1N6339
43
40.4
3
65
800
9.9
2.1
0.22
33
0.05
10
80
+0.095
1N6340
47
44.2
2.7
75
900
9
2.25
0.2
36
0.05
10
80
+0.095
SERIES ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise)
Symbol
Parameters
Test Conditions
Max
Units
VF
Forward Voltage
IF = 200mA
1.5
V
No
No
No
Note
te
te
te
(2)
Voltage regulation VZ(reg) is the measured voltage change at thermal equilibrium between the current of 10% and 50% of
Maximum Zener current IZM when the pad temperature is maintained at 25°C =+8°C, -2°C. Not a production test.
(3)
Temp Coefficient is applicable to space product - IZ stabilised at = IZ2 rated, T1 = +25°C ±5°C;T2 = +125°C


Similar Part No. - 1N6309BD2A

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
More results

Similar Description - 1N6309BD2A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
BZS55C2V4 TSC-BZS55C2V4 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com