Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-0603BUBC Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-0603BUBC
Description  SMD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-0603BUBC Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-0603BUBC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603BUBC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603BUBC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603BUBC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603BUBC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD
Precautions For Use
Precautions For Use
Precautions For Use
Precautions For Use
Over-current-proof
Customer must apply resistors for protection,otherwise slight voltage shift will cause big
current chang(Burn out will happen)
Storage
1. The operation of temperature and R.H are:5゜с ---30゜с,R.H.60% Max.
2. Once the package is opened ,the products should be used within a week. Otherwise,they
Should be kept in a dampproof box with desccating regent.Considering the tape life,we
Suggest our customers to use our products within 1.5year (form production date).
3. It’s recommended to bake before soldering when the package is unsealed after 72hrs.The
Condition is: 60゜с
±5゜с
for 15 hrs.
Soldering Iron:
Soldering Iron:
Soldering Iron:
Soldering Iron:
Temperature at tip of iron:300゜с Max.(25W
Max)
Soldering time:3±1sec.
Reflow Temp./Time:
Reflow Temp./Time:
Reflow Temp./Time:
Reflow Temp./Time:
Time


Similar Part No. - FYLS-0603BUBC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-0603BUBC-5 FORYARD-FYLS-0603BUBC-5 Datasheet
185Kb / 5P
   SMD
FYLS-0603BUBC-Z1 FORYARD-FYLS-0603BUBC-Z1 Datasheet
500Kb / 8P
   SMD led lamp
FYLS-0603BUBC FORYARD-FYLS-0603BUBC_15 Datasheet
483Kb / 8P
   SMD led lamp
More results

Similar Description - FYLS-0603BUBC

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
WEJT285W-2B1F-2D3 WINNERJOIN-WEJT285W-2B1F-2D3 Datasheet
561Kb / 10P
   SMD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com