Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5809D3B Datasheet(PDF) 3 Page - Seme LAB

Part # 1N5809D3B
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N5809D3B Datasheet(HTML) 3 Page - Seme LAB

  1N5809D3B Datasheet HTML 1Page - Seme LAB 1N5809D3B Datasheet HTML 2Page - Seme LAB 1N5809D3B Datasheet HTML 3Page - Seme LAB 1N5809D3B Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ULTRA FAST RECOVERY
POWER RECTIFIER
1N5809D3A / 1N5809D3B
Semelab
Semelab
Semelab
Semelab plc
plc
plc
plc
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Document Number 9036
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Issue 2
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Page 3 of 4
MECHANICAL DATA
A
D
C
C
1
2
SML
D3A
A
D
C
C
1
2
3
SML
D3B
DLCC3 Variant A (D3A)
PAD 1
ANODE
PAD 2
CATHODE
DIMENSION
mm
Inches
A
7.00 ±0.10
0.275 ±0.004
B
3.65 ±0.10
0.143 ±0.004
C
1.60 ±0.10
0.063 ±0.004
D
1.76 ±0.10
0.069 ±0.004
DLCC3 Variant B (D3B)
PAD 1
ANODE
PAD 2
CATHODE
PAD 3
LID CONTACT TO CATHODE*
DIMENSION
mm
Inches
A
7.00 ±0.10
0.275 ±0.004
B
3.65 ±0.10
0.143 ±0.004
C
1.60 ±0.10
0.063 ±0.004
D
1.76 ±0.10
0.069 ±0.004
* The additional contact provides a connection to the lid in the application. Connecting the metal lid to a known electrical potential stops deep
dielectric discharge in space applications; see the Space Weather link www.semelab.co.uk/dlcc3.html on the Semelab web site. Package variant
to be specified at order.
The DLCC3 package design takes full advantage of the proven high reliability pedigree of the HTCC surface mount packaging technology,
which is easily integrated for automated assembly. Semelab has taken the existing standards for ceramic surface mount package manufacture
and added additional design features to enhance thermal performance, to present a competitive alternative for high reliability applications.
SOLDER PAD LAYOUT
)
*
Soldering temperature should be 260°C for a
maximum of 10 seconds.
The physical dimensions for the DLCC3 ceramic package are designed
to be different from the published dimensions for the “D-5B” and “E-
MELF” outlines.
The DLCC3 design fully utilises the recommended
solder footprint for the “D-5B” / “E-MELF” Package, and as such
presents a drop in replacement for existing board designs.
PACKAGE MASS
Gold Plated Solder Pad Finish = 150mg
mm
Inches
A
7.32
0.288
B
1.78
0.070
C
3.94
0.155


Similar Part No. - 1N5809D3B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5809 MICROSEMI-1N5809 Datasheet
59Kb / 2P
   ULTRA FAST RECTIFIERS
1N5809 MICROSEMI-1N5809 Datasheet
131Kb / 7P
   VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N5809 MICROSEMI-1N5809 Datasheet
133Kb / 3P
   MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
M/A-COM Technology Solu...
1N5809 MA-COM-1N5809 Datasheet
626Kb / 4P
   Popular JEDEC Registered Series
logo
Sensitron
1N5809 SENSITRON-1N5809 Datasheet
42Kb / 2P
   HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
More results

Similar Description - 1N5809D3B

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
KODENSHI_AUK CORP.
SF1A600H KODENSHI-SF1A600H Datasheet
246Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A600H KODENSHI-SF3A600H Datasheet
244Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A400H-1 KODENSHI-SF3A400H-1 Datasheet
266Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF15U20DN FAIRCHILD-FFAF15U20DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U20DN FAIRCHILD-FFAF20U20DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U60DN FAIRCHILD-FFAF20U60DN Datasheet
112Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFB20U20S FAIRCHILD-FFB20U20S Datasheet
111Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com