Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA2900 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA2900
Description  Two-Channel High-Output Line Amplifier for Car Audio Systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2900 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA2900 Datasheet HTML 1Page - Sanyo Semicon Device LA2900 Datasheet HTML 2Page - Sanyo Semicon Device LA2900 Datasheet HTML 3Page - Sanyo Semicon Device LA2900 Datasheet HTML 4Page - Sanyo Semicon Device LA2900 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
No. 6950-2/5
LA2900M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICCO
Rg = 0
7
11
15
mA
Voltage gain
VG
VO = 0 dBm
7.5
8
8.5
dB
Output voltage
VO
THD = 0.1%
5.0
5.3
Vrms
Total harmonic distortion
THD
VO = 3 Vrms, LPF = 80 kHz
0.003
0.01
%
Output noise voltage
VNO
Rg = 0, BPF = 20 Hz to 20 kHz
12
17
µVrms
Ripple rejection ratio
SVRR
Rg = 0, fR = 1 kHz, VCCR = 100 mV,
60
70
dB
BPF = 20 Hz to 20 kHz
Channel separation
CHsep
Rg = 10 k
Ω, VO = 1 Vrms
60
70
dB
Input resistance
Ri
20
30
39
k
Electrical Characteristics at Ta = 25°C, VCC = 9 V, RL = 10 kΩ, f = 1 kHz, Rg = 600Ω
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating voltage
VCC
9
V
Allowable operating supply voltage range
VCCOP
6 to 12
V
Recommended load resistance
RLOP
10
k
Recommended Operating Conditions at Ta = 25°C


Similar Part No. - LA2900

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2901 SANYO-LA2901 Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2901V SANYO-LA2901V Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2902V SANYO-LA2902V Datasheet
62Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
logo
LIGITEK electronics co....
LA290B-G-PF LIGITEK-LA290B-G-PF Datasheet
120Kb / 6P
   LED ARRAY
LA290B-H-PF LIGITEK-LA290B-H-PF Datasheet
120Kb / 6P
   LED ARRAY
More results

Similar Description - LA2900

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2902V SANYO-LA2902V Datasheet
62Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2901V SANYO-LA2901V Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
logo
ON Semiconductor
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P Datasheet
290Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P_12 Datasheet
301Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47004P-E ONSEMI-LV47004P-E Datasheet
180Kb / 11P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com