Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5578 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5578
Description  0.4GHz to 2.7GHz High Linearity Upconverting Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5578 Datasheet(HTML) 1 Page - Linear Technology

  LT5578 Datasheet HTML 1Page - Linear Technology LT5578 Datasheet HTML 2Page - Linear Technology LT5578 Datasheet HTML 3Page - Linear Technology LT5578 Datasheet HTML 4Page - Linear Technology LT5578 Datasheet HTML 5Page - Linear Technology LT5578 Datasheet HTML 6Page - Linear Technology LT5578 Datasheet HTML 7Page - Linear Technology LT5578 Datasheet HTML 8Page - Linear Technology LT5578 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT5578
1
5578f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
0.4GHz to 2.7GHz
High Linearity
Upconverting Mixer
n GSM 900PCS/1800PCS and W-CDMA Infrastructure
n LTE and WiMAX Basestations
n Wireless Repeaters
n Public Safety Radios
Frequency Upconversion in LTE Transmitter
Gain, NF and OIP3 vs
RF Output Frequency
n High Output IP3: 27dBm at 0.9GHz
24.3dBm at 1.95GHz
n Low Noise Floor: –158dBm/Hz (POUT = –5dBm)
n High Conversion Gain: 1.4dB at 0.9GHz
n Noise Figure: 8.6dB
n Low LO-RF Leakage: –43dBm
n Single-Ended RF and LO Ports
n Low LO Drive Level: –1dBm
n Single 3.3V Supply
n 5mm
× 5mm QFN24 Package
(Pin Compatible with LT5579)
The LT
®5578 mixer is a high performance upconverting
mixer optimized for frequencies in the 0.4GHz to 2.7GHz
range. The single-ended LO input and RF output ports
simplify board layout and reduce system cost. The mixer
needs only –1dBm of LO power and the balanced design
results in low LO signal leakage to the RF output. At
1.95GHz operation, the LT5578 provides conversion gain
of –0.7dB, high OIP3 of 24.3dBm and a low noise floor of
–158dBm/Hz at a –5dBm RF output signal level.
The LT5578 offers a high performance alternative to pas-
sive mixers. Unlike passive mixers, which have conversion
loss and require high LO drive levels, the LT5578 delivers
conversion gain at significantly lower LO input levels and
is less sensitive to LO power level variations. The lower
LO drive level requirements, combined with the excellent
LO leakage performance, translate into lower LO signal
contamination of the output signal.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
BIAS
LT5578
RF
GND
LO
VCC
VCC
3.3V
5579 TA01a
10μF
IF+
IF
100nH
13.7Ω
13.7Ω
39pF
220pF
TC4-1W+
4:1
220pF
6.8pF
2.7pF
100μF
1nF
2pF
RF
700MHz
TO 950MHz
LO INPUT
–1dBm
IF
140MHz
22nH
2.7pF
13nH
100nH
RF OUTPUT FREQUENCY (MHz)
650
20
25
30
OIP3
800
900
5578 TA01b
15
10
700
750
850
950
1000
5
0
SSB NF
GAIN
TA = 25°C
fIF = 140MHz
fLO = fRF – fIF


Similar Part No. - LT5578

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5578 LINER-LT5578 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LT5578 LINER-LT5578 Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
More results

Similar Description - LT5578

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519_15 Datasheet
227Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LT5511 LINER-LT5511 Datasheet
283Kb / 16P
   High Signal Level Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com