Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI5256V-100LQ208 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ISPLSI5256V-100LQ208
Description  In-System Programmable 3.3V SuperWIDE??High Density PLD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI5256V-100LQ208 Datasheet(HTML) 3 Page - Lattice Semiconductor

  ISPLSI5256V-100LQ208 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Specifications ispLSI 5256V
3
ispLSI 5000V Description (Continued)
sharing up to a maximum of 35 product terms for a single
function. Alternatively, the PTSA can be bypassed for
functions of five product terms or less. The five extra
product terms are used for shared GLB controls, set,
reset, clock, clock enable and output enable.
The 32 registered macrocells in the GLB are driven by the
32 outputs from the PTSA or the PTSA bypass. Each
macrocell contains a programmable XOR gate, a pro-
grammable register/latch/toggle flip-flop and the
necessary clocks and control logic to allow combinatorial
or registered operation. The macrocells each have two
outputs, which can be fed back through the Global
Routing Pool. This dual output capability from the
macrocell allows efficient use of the hardware resources.
One output can be a registered function for example,
while the other output can be an unrelated combinatorial
function. A direct register input from the I/O pad facili-
tates efficient use of this feature to construct high-speed
input registers.
Macrocell registers can be clocked from one of several
global or product term clocks available on the device. A
global and product term clock enable is also provided,
eliminating the need to gate the clock to the macrocell
registers. Reset and preset for the macrocell register is
provided from both global and product term signals. The
macrocell register can be programmed to operate as a D-
type register, a D-type latch or a T-type flip flop.
The 32 outputs from the GLB can drive both the Global
Routing Pool and the device I/O cells.
The Global
Routing Pool contains one line from each macrocell
output and one line from each I/O pin.
The input buffer threshold has programmable TTL/3.3V/
2.5V compatible levels. The output driver can source
4mA and sink 8mA. The output drivers have a separate
VCCIO reference input which is independent of the main
VCC supply for the device. This feature allows the output
drivers to drive either 3.3V or 2.5V output levels while the
device logic and the output current drive is always pow-
ered from 3.3V. The output drivers also provide individually
programmable edge rates and open drain capability. A
programmable pullup resistor is provided to tie off un-
used inputs and a programmable bus-hold latch is
available to hold tristate outputs in their last valid state
until the bus is driven again by some device.
The ispLSI 5000V Family features 3.3V, non-volatile in-
system programmability for both the logic and the
interconnect structures, providing the means to develop
truly reconfigurable systems. Programming is achieved
through the industry standard IEEE 1149.1-compliant
Boundary Scan interface. Boundary Scan test is also
supported through the same interface.
An enhanced, multiple cell security scheme is provided
that prevents reading of the JEDEC programming file
when secured. After the device has been secured using
this mechanism, the only way to clear the security is to
execute a bulk-erase instruction.
ispLSI 5000V Family Members
The ispLSI 5000V family ranges from 256 macrocells to
512 macrocells and operates from a 3.3V power supply.
All family members will be available with multiple pack-
age options. The ispLSI 5000V family device matrix
showing the various bondout options is shown in the table
below.
The interconnect structure (GRP) is very similar to Lattice's
existing 1000, 2000 and 3000 families, but with an
enhanced interconnect structure for optimal pin locking
and logic routing. The ispLSI 5000V family does not,
however, use registered I/O cells or an Output Routing
Pool.
Table 1. ispLSI 5000V Family
e
p
y
T
e
g
a
k
c
a
P
e
c
i
v
e
Ds
B
L
Gs
l
l
e
c
o
r
c
a
M*
A
G
B
8
0
2P
F
Q
P
8
0
2A
G
B
2
7
2A
G
B
8
8
3
V
6
5
2
5
I
S
L
p
s
i
86
5
2O
/
I
4
4
1O
/
I
4
4
1O
/
I
2
9
1—
V
4
8
3
5
I
S
L
p
s
i
2
14
8
3O
/
I
4
4
1O
/
I
4
4
1O
/
I
2
9
1O
/
I
8
8
2
V
2
1
5
5
I
S
L
p
s
i
6
12
1
5—
O
/
I
8
8
2
A
G
B
h
c
t
i
P
e
n
i
F
h
c
t
i
p
ll
a
b
m
m
0
.
1
*


Similar Part No. - ISPLSI5256V-100LQ208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256VA LATTICE-ISPLSI5256VA Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VA-100LB208 LATTICE-ISPLSI5256VA-100LB208 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VA-100LB272 LATTICE-ISPLSI5256VA-100LB272 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VA-100LQ208 LATTICE-ISPLSI5256VA-100LQ208 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VA-125LB208 LATTICE-ISPLSI5256VA-125LB208 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
More results

Similar Description - ISPLSI5256V-100LQ208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256VE LATTICE-ISPLSI5256VE Datasheet
246Kb / 24P
   In-System Programmable 3.3V SuperWIDE High Density PLD
ISPLSI5128VE LATTICE-ISPLSI5128VE Datasheet
211Kb / 21P
   In-System Programmable 3.3V SuperWIDE High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5384VE-125LB272 LATTICE-ISPLSI5384VE-125LB272 Datasheet
242Kb / 22P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256VA LATTICE-5256VA Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5512VA LATTICE-5512VA Datasheet
331Kb / 26P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5384VA LATTICE-5384VA_02 Datasheet
311Kb / 31P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5512VE LATTICE-ISPLSI5512VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com