Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVU150 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # TVU150
Description  NPN SILICON RF POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

TVU150 Datasheet(HTML) 1 Page - Advanced Semiconductor

  TVU150 Datasheet HTML 1Page - Advanced Semiconductor TVU150 Datasheet HTML 2Page - Advanced Semiconductor TVU150 Datasheet HTML 3Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. C
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/3
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 100 mA
26
30
V
BVCER
IC = 100 mA
RBE = 200
35
40
V
BVCES
IC = 50 mA
60
80
V
BVEBO
IE = 10 mA
3.5
4.0
V
ICES
VCE = 30 V
10
mA
hFE
VCE = 5.0 V
IC = 1.0 A
30
45
120
---
COB
VCB = 26 V
f = 1.0 MHz
75
pF
PG
IMD1
VCC = 26 V
ICQ = 2 X 3000 mA
f = 860 MHz
POUT = 40 W
11
-52
9.0
dB
dBc
Load
Mismatch
VCC = 26 V ICQ = 2 X 150 mA
POUT = 150 W PEP
VSWR = 5:1 @ all phase angles
No Degradation in Output
Power
NPN SILICON RF POWER TRANSISTOR
TVU150
DESCRIPTION:
The
ASI TVU150 is Designed for
Television Band IV & V Applications
up to 860 MHz.
FEATURES:
• Common Emitter
• P
G = 10 dB at 150 W/860 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
25 A
VCEO
28 V
VCES
60 V
VEBO
3.5 V
PDISS
300 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
0.55 °C/W
PACKAGE STYLE .400 BAL FLG(D)
ORDER CODE: ASI10652
MINIMUM
inches / mm
.380 / 9.65
.580 / 14.73
B
C
D
E
F
G
A
MAXIMUM
.620 / 15.75
.390 / 9.91
inches / mm
H
DIM
K
L
I
J
.003 / 0.08
.060 / 1.52
.007 / 0.18
.070 / 1.78
.230 / 5.84
N
M
.850 / 21.59
.870 / 22.10
.220 / 5.59
.230 / 5.84
.435 / 11.05
.100 / 2.54
.115 / 2.92
.407 / 10.34
.395 / 10.03
1.335 / 33.91
1.345 / 34.16
.210 / 5.33
.080x45°
A
B
F
G
H
I
J
K
L
M
(4X).060 R
.1925
D
C
E
FULL R
N
.125 / 3.18
1.090 / 27.69
1.105 / 28.07


Similar Part No. - TVU150

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
TVU150 ASI-TVU150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
TVU150A ASI-TVU150A Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
TVU150A ASI-TVU150A Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
TVU150A ASI-TVU150A_07 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - TVU150

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com