Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHP2803R3S Datasheet(PDF) 7 Page - International Rectifier

Part # AHP2803R3S
Description  HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHP2803R3S Datasheet(HTML) 7 Page - International Rectifier

Back Button AHP2803R3S Datasheet HTML 3Page - International Rectifier AHP2803R3S Datasheet HTML 4Page - International Rectifier AHP2803R3S Datasheet HTML 5Page - International Rectifier AHP2803R3S Datasheet HTML 6Page - International Rectifier AHP2803R3S Datasheet HTML 7Page - International Rectifier AHP2803R3S Datasheet HTML 8Page - International Rectifier AHP2803R3S Datasheet HTML 9Page - International Rectifier AHP2803R3S Datasheet HTML 10Page - International Rectifier AHP2803R3S Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.irf.com
7
AHP28XXS Series
A conservative aid to estimating the total heat sink surface
area (AHEAT SINK) required to set the maximum case temp-
erature rise (
∆T) above ambient temperature is given by
the following expression:
A HEAT SINK
∆T
P
80
30
085
143
.
.
.
where
∆T
PP
Eff
OUT
=
==
Case temperature rise above ambient
Device dissipation in Watts
1
1
T = 85 - 25 = 60°C
and the required heat sink area is
From the Specification Table, the worst case full load
efficiency for this device is 83%; therefore the power
dissipation at full load is given by
Because of the incorporation of many innovative
technological concepts, the AHP series of converters is
capable of providing very high output power from a package
of very small volume. These magnitudes of power density
can only be obtained by combining high circuit efficiency
with effective methods of heat removal from the die junctions.
This requirement has been effectively addressed inside the
device; but when operating at maximum loads, a significant
amount of heat will be generated and this heat must be
conducted away from the case. To maintain the case
temperature at or below the specified maximum of 125°C,
this heat must be transferred by conduction to an
appropriate heat dissipater held in intimate contact with the
converter base-plate.
When operating in the shared mode, it is important that
symmetry of connection be maintained as an assurance of
optimum load sharing performance. Thus, converter outputs
should be connected to the load with equal lengths of wire of
the same gauge and should be connected to a common
physical point, preferably at the load along with the converter
output and return leads. All converters in a paralleled set
must have their share pins connected together. This
arrangement is diagrammatically illustrated in Figure III.
showing the output and return pins connected at a star
point which is located as close as possible to the load.
As a consequence of the topology utilized in the current
sharing circuit, the share pin may be used for other functions.
In applications requiring only a single converter, the voltage
appearing on the share pin may be used as a “current
monitor”. The share pin open circuit voltage is nominally
+1.00v at no load and increases linearly with increasing
total output current to +2.20v at full load.
1Sil-Pad is a registered Trade Mark of Bergquist, Minneapolis, MN
Thermal Considerations
Because the effectiveness of this heat transfer is dependent
on the intimacy of the baseplate/heatsink interface, it is
strongly recommended that a high thermal conductivity heat
transferring medium is inserted between the baseplate and
heatsink. The material most frequently utilized at the factory
during all testing and burn-in processes is sold under the
trade name of Sil-Pad
® 4001 . This particular product is an
insulator but electrically conductive versions are also
available. Use of these materials assures maximum surface
contact with the heat dissipater thereby compensating for
any minor surface variations. While other available types of
heat conductive materials and thermal compounds provide
similar effectiveness, these alternatives are often less
convenient and can be somewhat messy to use.
As an example, it is desired to maintain the case temperature
of an AHP2815S at
≤ +85°C while operating in an open
area whose ambient temperature is held at a constant
+25°C; then
Thus, a total heat sink surface area (including fins, if any) of
71 in2 in this example, would limit case rise to 60°C above
ambient. A flat aluminum plate, 0.25" thick and of
approximate dimension 4" by 9" (36 in2 per side) would
suffice for this application in a still air environment. Note
that to meet the criteria in this example, both sides of the
plate require unrestricted exposure to the ambient air.
()
P
=•
=•
=
120
1
83
1
120 0 205
24 6
.
.. W
A
=
60
80 24.6
in
HEAT SINK
0.85
−=
−143
2
30 71
.
.


Similar Part No. - AHP2803R3S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP2800D IRF-AHP2800D Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP2800D IRF-AHP2800D_15 Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP2800S IRF-AHP2800S Datasheet
233Kb / 12P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP2800S IRF-AHP2800S_15 Datasheet
233Kb / 12P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP2805D IRF-AHP2805D Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Similar Description - AHP2803R3S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com