Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHP2815D Datasheet(PDF) 1 Page - International Rectifier

Part # AHP2815D
Description  HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHP2815D Datasheet(HTML) 1 Page - International Rectifier

  AHP2815D Datasheet HTML 1Page - International Rectifier AHP2815D Datasheet HTML 2Page - International Rectifier AHP2815D Datasheet HTML 3Page - International Rectifier AHP2815D Datasheet HTML 4Page - International Rectifier AHP2815D Datasheet HTML 5Page - International Rectifier AHP2815D Datasheet HTML 6Page - International Rectifier AHP2815D Datasheet HTML 7Page - International Rectifier AHP2815D Datasheet HTML 8Page - International Rectifier AHP2815D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
04/16/09
www.irf.com
1
HIGH RELIABILITY
HYBRID DC/DC CONVERTERS
AHP28XXD SERIES
The AHP Series of DC/DC converters feature high power
density with no derating over the full military temperature
range. This series is offered as part of a complete family
of converters providing single and dual output voltages
and operating from nominal +28 or +270 volt inputs with
output power ranging from 80 to 120 watts. For
applications requiring higher output power, individual
converters can be operated in parallel. The internal
current sharing circuits assure equal current distribution
among the paralleled converters. This series incorporates
International Rectifier’s proprietary magnetic pulse
feedback technology providing optimum dynamic line
and load regulation response. This feedback system
samples the output voltage at the pulse width modulator
fixed clock frequency, nominally 550 KHz. Multiple
converters can be synchronized to a system clock in the
500 KHz to 700 KHz range or to the synchronization
output of one converter. Undervoltage lockout, primary
and secondary referenced inhibit, soft-start and load
fault protection are provided on all models. Also included
is input over-voltage protection, a new protection feature
unique to the AHP.
These converters are hermetically packaged in two
enclosure variations, utilizing copper core pins to
minimize resistive DC losses. Three lead styles are
available, each fabricated with International Rectifier’s
rugged ceramic lead-to-package seal assuring long term
hermeticity in the most harsh environments.
Description
n 16 To 40 Volt Input Range
n ±5, ±12, and ±15 Volts Outputs Available
n High Power Density - up to 70 W / in3
n Up To 100 Watt Output Power
n Parallel Operation with Stress and Current Sharing
n Input Over-Voltage Protection
n High Efficiency - to 85%
n Continuous Short Circuit and Overload
Protection
n External Synchronization Port
n Remote Sensing Terminals
n Primary and Secondary Referenced
Inhibit Functions
n Line Rejection > 40 dB - DC to 50KHz
n Fault Tolerant Design
n Full Military Temperature Range
n Ceramic Feedthru Copper Core Pins
n Low Profile (0.380") Seam Welded Package
n Single Output Versions Available
Features
28V Input, Dual Output
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are available in four screening
grades to satisfy a wide range of requirements. The CH
grade is fully compliant to the requirements of MIL-PRF-
38534 for class H. The HB grade is processed and
screened to the class H requirement, but may not
necessarily meet all of the other MIL-PRF-38534
requirements, e.g., element evaluation and Periodic
Inspection (P.I.) not required. Both grades are tested to
meet the complete group “A” test specification over the
full military temperature range without output
power deration. Two grades with more limited
screening are also avail-able for use in less
demanding applications. Variations in electrical,
mechanical and screening can be accommodated.
Contact IR Santa Clara for special requirements.
AHP
PD-97389


Similar Part No. - AHP2815D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP2815DWCH IRF-AHP2815DWCH Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
AHP2815DWCH IRF-AHP2815DWCH Datasheet
233Kb / 12P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP2815DWES IRF-AHP2815DWES Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
AHP2815DWES IRF-AHP2815DWES Datasheet
233Kb / 12P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP2815DWHB IRF-AHP2815DWHB Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
More results

Similar Description - AHP2815D

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com