Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4615 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJW4615
Description  Constant Current LED Driver with PWM Control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4615 Datasheet(HTML) 1 Page - New Japan Radio

  NJW4615 Datasheet HTML 1Page - New Japan Radio NJW4615 Datasheet HTML 2Page - New Japan Radio NJW4615 Datasheet HTML 3Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NJW4615
- 1 -
Ver.2010-12-27
NJW4615
12
3
65
4
Constant Current LED Driver with PWM Control
GENERAL DESCRIPTION
PACKAGE OUTLINE
FEATURES
Operating Voltage Range
2.5V to 5.5V
LED Drive Voltage
VLED= 35V(max.)
LED Output Current
100mA(max.)
Current consumption
200
µA
Output current accuracy
±1.2%
To 8 of White LED can be operated.
With PWM Luminance Control
Internal overcurrent protection circuit
Internal thermal shutdown circuit
Package
SOT-23-6
BLOCK DIAGRAM
PIN CONFIGRATION
1 : PWM
2 : GND
3 : RS
4 : LED
5 : EN
6 : VDD
NJW4615F1
The NJW4615 is a constant current LED with PWM control. 35V
resisting constant current control and PWM control circuit can be
offered with small package.
It can achieve luminance control multiple white or blue and red
LEDs.It can contribute to the reliability improvement of the system
because it has an overcurrent protection and thermal shutdown
circuit.
The NJW4615 is suit for an amusement, home audio,etc.
VR EF
(0 .2V )
C urrent Lim it
T herm al S hut D own
Co ntrol
Logic
V DD
LE D
R S
PW M
EN
GN D


Similar Part No. - NJW4615

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
More results

Similar Description - NJW4615

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
Allegro MicroSystems
A6281EESTR-T ALLEGRO-A6281EESTR-T Datasheet
263Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com