Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82562EP Datasheet(PDF) 1 Page - Intel Corporation

Part # 82562EP
Description   82562EP 10/100 Mbps Platform LAN Connect (PLC)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82562EP Datasheet(HTML) 1 Page - Intel Corporation

  82562EP Datasheet HTML 1Page - Intel Corporation 82562EP Datasheet HTML 2Page - Intel Corporation 82562EP Datasheet HTML 3Page - Intel Corporation 82562EP Datasheet HTML 4Page - Intel Corporation 82562EP Datasheet HTML 5Page - Intel Corporation 82562EP Datasheet HTML 6Page - Intel Corporation 82562EP Datasheet HTML 7Page - Intel Corporation 82562EP Datasheet HTML 8Page - Intel Corporation 82562EP Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
82562EP 10/100 Mbps Platform LAN
Connect (PLC)
Networking Silicon
Datasheet
Product Features
1 This device is lead-free. That is, lead has not been intentionally added, but lead may still exist
as an impurity at <1000 ppm. The Material Declaration Data Sheet, which includes lead
impurity levels and the concentration of other Restriction on Hazardous Substances (RoHS)-
banned materials, is available at:
ftp://download.intel.com/design/packtech/material_content_IC_Package.pdf#pagemode=bookmarks
In addition, this device has been tested and conforms to the same parametric specifications as
previous versions of the device.
For more information regarding lead-free products from Intel Corporation, contact your Intel
Field Sales representative.
IEEE 802.3 10BASE-T/100BASE-TX
compliant physical layer interface
IEEE 802.3u Auto-Negotiation support
Digital Adaptive Equalization control
Link status interrupt capability
XOR tree mode support
3-port LED support (speed, link and
activity)
10BASE-T auto-polarity correction
Alert on LAN functionality
Diagnostic loopback mode
1:1 transmit transformer ratio support
Low power (less than 300 mW in active
transmit mode)
Reduced power in “unplugged mode” (less
than 50 mW)
Automatic detection of “unplugged mode”
3.3 V device
Lead-free
1 64-pin Plastic Ball Grid Array
Package for both leaded and lead-free
designs. (Devices that are lead-free are
marked with a circled “e1” and have the
product code prefix: PCxxxxxx).
Revision 2.0
September 2005


Similar Part No. - 82562EP

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82562ET INTEL-82562ET Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562EX INTEL-82562EX Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562EX INTEL-82562EX Datasheet
860Kb / 66P
   Dual Footprint
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
82562EZ INTEL-82562EZ Datasheet
860Kb / 66P
   Dual Footprint
More results

Similar Description - 82562EP

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82562GT INTEL-82562GT Datasheet
506Kb / 46P
   10/100 Mbps Platform LAN Connect (PLC)
EP82562ET INTEL-EP82562ET Datasheet
458Kb / 40P
   10/100 Mbps Platform LAN Connect (PLC)
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
DA82562EM INTEL-DA82562EM Datasheet
458Kb / 40P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562ET INTEL-82562ET Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562V INTEL-82562V Datasheet
462Kb / 42P
   10/100 Mbps Platform LAN Connect
82562G INTEL-82562G Datasheet
503Kb / 44P
   Mbps Platform LAN Connect
RU82566DM INTEL-RU82566DM Datasheet
367Kb / 30P
   82566 Gigabit Platform LAN Connect
82563EB INTEL-82563EB Datasheet
572Kb / 52P
   82563EB/82564EB Gigabit Platform LAN Connect
logo
List of Unclassifed Man...
ADM8513 ETC-ADM8513 Datasheet
567Kb / 44P
   USB TO 10/100 MBPS ETHERNET LAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com