Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE170CL Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1.5KE170CL
Description  BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1.5KE170CL Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1.5KE170CL Datasheet HTML 1Page - EIC discrete Semiconductors 1.5KE170CL Datasheet HTML 2Page - EIC discrete Semiconductors 1.5KE170CL Datasheet HTML 3Page - EIC discrete Semiconductors 1.5KE170CL Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.5KE6.8CL SERIES
BI-DIRECTIONAL TRANSIENT
VOLTAGE SUPPRESSOR
VBR : 6.8 - 440 Volts
PPK : 1500 Watts
FEATURES :
* 1500W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less
then 1.0 ps from 0 volt to V BR(min.)
* Typical IR less then 1µA above 10V
* Pb / RoHS Free
MECHANICAL DATA
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Mounting position : Any
* Weight : 1.21 grams
DEVICES FOR UNIPOLAR APPLICATIONS
For uni-directional without "C"
Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Power Dissipation at Ta = 25 °C, Tp=1ms (Note1)
PPK
Minimum 1500
W
Steady State Power Dissipation at TL = 75 °C
Lead Lengths 0.375", (9.5mm) (Note 2)
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 175
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 2 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on Copper Leaf area of 0.79 in
2 (20mm2).
Page 1 of 4
Rev. 05 : May 2, 2006
W
PD
5.0
DO-201AD
0.375 (9.53)
0.285 (7.24)
0.21 (5.33)
0.19 (4.83)
0.052 (1.32)
0.048 (1.22)
Dimensions in inches and (millimeters)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 1.5KE170CL

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE170C TRSYS-1.5KE170C Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE170C LUGUANG-1.5KE170C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DAESAN ELECTRONIC CORP.
1.5KE170C DAESAN-1.5KE170C Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
1.5KE170C WTE-1.5KE170C Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
1.5KE170C LUGUANG-1.5KE170C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE170CL

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8_1 Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6KE36CA EIC-QP6KE36CA Datasheet
297Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com