Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE120CAL Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # 1.5KE120CAL
Description  BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1.5KE120CAL Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  1.5KE120CAL Datasheet HTML 1Page - EIC discrete Semiconductors 1.5KE120CAL Datasheet HTML 2Page - EIC discrete Semiconductors 1.5KE120CAL Datasheet HTML 3Page - EIC discrete Semiconductors 1.5KE120CAL Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(µA)
(A)
(V)
(% / °C)
Type No.
1.5KE62CL
55.8
68.2
1.0
50.2
5.0
16.9
89.0
0.104
1.5KE62CAL
58.9
65.1
1.0
53.0
5.0
17.7
85.0
0.104
1.5KE68CL
61.2
74.8
1.0
55.1
5.0
15.3
98.0
0.104
1.5KE68CAL
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
1.5KE75CL
67.5
82.5
1.0
60.7
5.0
13.9
108
0.105
1.5KE75CAL
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
1.5KE82CL
73.8
90.2
1.0
66.4
5.0
12.7
118
0.105
1.5KE82CAL
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
1.5KE91CL
81.9
100
1.0
73.7
5.0
11.4
131
0.106
1.5KE91CAL
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
1.5KE100CL
90.0
110
1.0
81.0
5.0
10.4
144
0.106
1.5KE100CAL
95.0
105
1.0
85.5
5.0
11.0
137
0.106
1.5KE110CL
99.0
121
1.0
89.2
5.0
9.5
158
0.107
1.5KE110CAL
105
116
1.0
94.0
5.0
9.9
152
0.107
1.5KE120CL
108
132
1.0
97.2
5.0
8.7
173
0.107
1.5KE120CAL
114
126
1.0
102
5.0
9.1
165
0.107
1.5KE130CL
117
143
1.0
105
5.0
8.0
187
0.107
1.5KE130CAL
124
137
1.0
111
5.0
8.4
179
0.107
1.5KE150CL
135
165
1.0
121
5.0
7.0
215
0.108
1.5KE150CAL
143
158
1.0
128
5.0
7.2
207
0.108
1.5KE160CL
144
176
1.0
130
5.0
6.5
230
0.108
1.5KE160CAL
152
168
1.0
136
5.0
6.8
219
0.108
1.5KE170CL
153
187
1.0
138
5.0
6.2
244
0.108
1.5KE170CAL
162
179
1.0
145
5.0
6.4
234
0.108
1.5KE180CL
162
198
1.0
146
5.0
5.8
258
0.108
1.5KE180CAL
171
189
1.0
154
5.0
6.1
246
0.108
1.5KE200CL
180
220
1.0
162
5.0
5.2
287
0.108
1.5KE200CAL
190
210
1.0
171
5.0
5.5
274
0.108
1.5KE220CL
198
242
1.0
175
5.0
4.3
344
0.108
1.5KE220CAL
209
231
1.0
185
5.0
4.6
328
0.108
1.5KE250CL
225
275
1.0
202
5.0
4.2
360
0.110
1.5KE250CAL
237
263
1.0
214
5.0
4.4
344
0.110
1.5KE300CL
270
330
1.0
243
5.0
3.5
430
0.110
1.5KE300CAL
285
315
1.0
256
5.0
3.6
414
0.110
1.5KE350CL
315
385
1.0
284
5.0
3.0
504
0.110
1.5KE350CAL
332
368
1.0
300
5.0
3.1
482
0.110
1.5KE400CL
360
440
1.0
324
5.0
2.6
574
0.110
1.5KE400CAL
380
420
1.0
342
5.0
2.7
548
0.110
1.5KE440CL
396
484
1.0
356
5.0
2.4
631
0.110
1.5KE440CAL
418
462
1.0
376
5.0
2.5
602
0.110
Notes:
(1) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent.
(2) "1.5" will be omitted in marking on the diode.
Page 3 of 4
Rev. 05 : May 2, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 1.5KE120CAL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1.5KE120CA LUGUANG-1.5KE120CA Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
ON Semiconductor
1.5KE120CA ONSEMI-1.5KE120CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
DONGGUAN YOU FENG WEI E...
1.5KE120CA YFWDIODE-1.5KE120CA Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
DB Lectro Inc
1.5KE120CA DBLECTRO-1.5KE120CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Littelfuse
1.5KE120CA LITTELFUSE-1.5KE120CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 1.5KE120CAL

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8_1 Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6KE36CA EIC-QP6KE36CA Datasheet
297Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com