Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31DQ09 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 31DQ09
Description  SCHOTTKY BARRIER RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

31DQ09 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  31DQ09 Datasheet HTML 1Page - EIC discrete Semiconductors 31DQ09 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
31DQ09 - 31DQ10
SCHOTTKY BARRIER
RECTIFIER DIODES
PRV : 90 - 100 Volts
IO : 3.3 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* High efficiency
* Low power loss
* Low forward voltage drop
* Low cost
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
31DQ09
31DQ10
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
90
100
V
Maximum DC Blocking Voltage
VDC
90
100
V
Maximum Average Forward Current
at Ambient Temperature , Tc = 53
°C
Maximum Non-repetitive Peak Forward Surge Current
( 50 Hz, Sine wave, 10ms )
Maximum Forward Voltage at IF = 3.0 A
VF
0.85
V
Maximum Reverse Current at VR = VRRM , Tj = 25
°C
IR
1.0
mA
Maximum Reverse Current at VR = VRRM , Tj = 125
°C
IRM
3.0
mA
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Page 1 of 2
Rev. 02 : March 25, 2005
A
34
RATING
IFSM
IF(AV)
3.3
A
DO-201AD
0.21 (5.33)
0.19 (4.82)
0.375 (9.52)
0.285 (7.24)
0.052 (1.32)
0.048 (1.22)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - 31DQ09

ManufacturerPart #DatasheetDescription
logo
International Rectifier
31DQ09 IRF-31DQ09 Datasheet
83Kb / 5P
   SCHOTTKY RECTIFIER
logo
Nihon Inter Electronics...
31DQ09 NIEC-31DQ09 Datasheet
54Kb / 6P
   Low Forward Voltage drop Diode
logo
Vishay Siliconix
31DQ09 VISHAY-31DQ09 Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
logo
SynSemi, Inc.
31DQ09 SYNSEMI-31DQ09 Datasheet
30Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
31DQ09 NJSEMI-31DQ09 Datasheet
142Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 31DQ09

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com