Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24HJ64GPX02 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC24HJ64GPX02
Description  High-Performance, 16-bit Microcontrollers
Download  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ64GPX02 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC24HJ64GPX02 Datasheet HTML 2Page - Microchip Technology PIC24HJ64GPX02 Datasheet HTML 3Page - Microchip Technology PIC24HJ64GPX02 Datasheet HTML 4Page - Microchip Technology PIC24HJ64GPX02 Datasheet HTML 5Page - Microchip Technology PIC24HJ64GPX02 Datasheet HTML 6Page - Microchip Technology PIC24HJ64GPX02 Datasheet HTML 7Page - Microchip Technology PIC24HJ64GPX02 Datasheet HTML 8Page - Microchip Technology PIC24HJ64GPX02 Datasheet HTML 9Page - Microchip Technology PIC24HJ64GPX02 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 368 page
background image
PIC24HJ32GP302/304, PIC24HJ64GPX02/X04 AND PIC24HJ128GPX02/X04
DS70293E-page 6
© 2011 Microchip Technology Inc.
Pin Diagrams
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
28-Pin SDIP, SOIC
AVDD
AVSS
PGEC3/ASCL1/RP6(1)/CN24/PMD6/RB6
VSS
VCAP(3)
INT0/RP7(1)/CN23/PMD5/RB7
TDO/SDA1/RP9(1)/CN21/PMD3/RB9
TCK/SCL1/RP8(1)/CN22/PMD4/RB8
AN9/RP15(1)/CN11/PMCS1/RB15
AN10/RTCC/RP14(1)/CN12/PMWR/RB14
AN11/RP13(1)/CN13/PMRD/RB13
AN12/RP12(1)/CN14/PMD0/RB12
PGED2/TDI/RP10(1)/CN16/PMD2/RB10
PGEC2/TMS/RP11(1)/CN15/PMD1/RB11
MCLR
VSS
VDD
AN0/VREF+/CN2/RA0
AN1/VREF-/CN3/RA1
PGED1/AN2/C2IN-/RP0(1)/CN4/RB0
SOSCO/T1CK/CN0/PMA1/RA4
SOSCI/RP4(1)/CN1/PMBE/RB4
OSC2/CLKO/CN29/PMA0/RA3
OSC1/CLKI/CN30/RA2
AN5/C1IN+/RP3(1)/CN7/RB3
AN4/C1IN-/RP2(1)/CN6/RB2
PGEC1/ AN3/C2IN+/RP1(1)/CN5/RB1
PGED3/ASDA1/RP5(1)/CN27/PMD7/RB5
28-Pin QFN-S(2)
PIC24HJ128GP202
2
3
6
1
18
19
20
21
15
7
16
17
5
4
VSS
PGED1/AN2/C2IN-/RP0(1)/CN4/RB0
VSS
OSC2/CLKO/CN29/PMA0/RA3
OSC1/CLKI/CN30/RA2
VCAP(3)
TDO/SDA1/RP9(1)/CN21/PMD3/RB9
AN5/C1IN+/RP3(1)/CN7/RB3
AN4/C1IN-/RP2(1)/CN6/RB2
PGEC1/AN3/C2IN+/RP1(1)/CN5/RB1
AN11/RP13(1)/CN13/PMRD/RB13
AN12/RP12(1)/CN14/PMD0/RB12
PGED2/TDI/RP10(1)/CN16/PMD2/RB10
PGEC2/TMS/RP11(1)/CN15/PMD1/RB11
PIC24HJ64GP202
PIC24HJ64GP502
PIC24HJ128GP502
PIC24HJ32GP302
Note
1:
The RPx pins can be used by any remappable peripheral. See Table 1 in this section for the list of available peripherals.
2:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally.
3:
Refer to Section 2.3 “CPU Logic Filter Capacitor Connection (VCAP)” for proper connection to this pin.
Pins are up to 5V tolerant
Pins are up to 5V tolerant


Similar Part No. - PIC24HJ64GPX02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24HJ64GP202 MICROCHIP-PIC24HJ64GP202 Datasheet
5Mb / 390P
   16-bit Microcontrollers (up to 128 KB Flash and 8K SRAM) with Advanced Analog
11/29/11
PIC24HJ64GP204 MICROCHIP-PIC24HJ64GP204 Datasheet
5Mb / 390P
   16-bit Microcontrollers (up to 128 KB Flash and 8K SRAM) with Advanced Analog
11/29/11
PIC24HJ64GP206 MICROCHIP-PIC24HJ64GP206 Datasheet
988Kb / 80P
   Flash Programming Specification
2007
PIC24HJ64GP206 MICROCHIP-PIC24HJ64GP206 Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
02/04/09
PIC24HJ64GP206 MICROCHIP-PIC24HJ64GP206 Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
More results

Similar Description - PIC24HJ64GPX02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
DSPIC33FJ32GP202 MICROCHIP-DSPIC33FJ32GP202 Datasheet
3Mb / 252P
   High-Performance, 16-Bit Microcontrollers
2007
PIC24HJ12GP201 MICROCHIP-PIC24HJ12GP201 Datasheet
3Mb / 234P
   High-Performance, 16-Bit Microcontrollers
2007
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202 Datasheet
3Mb / 244P
   High-Performance, 16-bit Microcontrollers
2007
PIC24HJ128GP310-I MICROCHIP-PIC24HJ128GP310-I Datasheet
4Mb / 292P
   High-Performance, 16-Bit Microcontrollers
02/04/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com